Electronic Components Datasheet Search
  English  ▼

X  

8596 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 8596
Description  AXL E IOL AO1 I M12 S
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8596 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 8596 Datasheet HTML 4Page - PHOENIX CONTACT 8596 Datasheet HTML 5Page - PHOENIX CONTACT 8596 Datasheet HTML 6Page - PHOENIX CONTACT 8596 Datasheet HTML 7Page - PHOENIX CONTACT 8596 Datasheet HTML 8Page - PHOENIX CONTACT 8596 Datasheet HTML 9Page - PHOENIX CONTACT 8596 Datasheet HTML 10Page - PHOENIX CONTACT 8596 Datasheet HTML 11Page - PHOENIX CONTACT 8596 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AXL E IOL AO1 I M12 S
8596_en_04
PHOENIX CONTACT
11
14
IO-Link objects
14.1
Overview of the objects
Index (hex)
Object name
Length in
bytes
Acces
s
Meaning
Contents
DPP
ISDU
Identification
07
 
Vendor ID
2
R
Manufacturer identifica-
tion
00
hex
08
B0
hex
09
 
Device ID
3
R
Device ID
01
hex
0A
00
hex
0B
3D
hex
 
10
VendorName
Max. 64
R
Manufacturer name
Phoenix Contact
11
VendorText
Max. 64
R
Notes
www.phoenixcontact.com
12
ProductName
Max. 64
R
Product designation
AXL E IOL AO1 I M12 S
13
Product ID
Max. 64
R
Order No.
2700351
14
ProductText
Max. 64
R
Product text
IO-Link/Analog-Converter
Current Output Straight
15
Serial number
Max. 16
R
Serial number
Stored in the production pro-
cess.
16
HardwareVersion
Max. 64
R
Hardware version
E.g., 01
17
FirmwareVersion
Max. 64
R
Firmware version
E.g., 001
Diagnostics
 
20
Error count
2
R
Errors since power up
Number of errors
29
OutputProcessData
2
R
Output process data
Last current data
Parameter
 
80
ParaWord
2
R/W
Parameterization
0000
hex
Abbreviation
Meaning
RRead
WWrite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com