Electronic Components Datasheet Search
  English  ▼

X  

8596 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 8596
Description  AXL E IOL AO1 I M12 S
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8596 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 8596 Datasheet HTML 4Page - PHOENIX CONTACT 8596 Datasheet HTML 5Page - PHOENIX CONTACT 8596 Datasheet HTML 6Page - PHOENIX CONTACT 8596 Datasheet HTML 7Page - PHOENIX CONTACT 8596 Datasheet HTML 8Page - PHOENIX CONTACT 8596 Datasheet HTML 9Page - PHOENIX CONTACT 8596 Datasheet HTML 10Page - PHOENIX CONTACT 8596 Datasheet HTML 11Page - PHOENIX CONTACT 8596 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AXL E IOL AO1 I M12 S
8596_en_04
PHOENIX CONTACT
9
12.3
Parameterization via OUT process data
Reparameterization can be carried out via the output pro-
cess data, however this is not saved permanently on the de-
vice.
The following sequence applies regardless of the format
(IB IL or S7-compatible):
–
The master interrupts the transmission of current pro-
cess data and sends parameter data (OutputProcess-
Data with bit 15 = 1)
–
The device interrupts the transmission of current pro-
cess data and responds with the following diagnostic
code in the process data:
–
If the diagnostic code is OK, the parameter data is ac-
cepted immediately. The master can end parameteriza-
tion (OutputProcessData with bit 15 = 0). The device
returns to normal operation with cyclic process data
transmission.
–
In the event of the ERROR diagnostic code, the master
can abort parameterization without modified parameter
data (OutputProcessData with bit 15 = 0) or transmit the
modified parameterization (return to step 1).
12.4
Example
The example applies to the following changes:
–
Selection of format S7-compatible (Default) to IB IL
–
For "hold last value"
Please operate the reparameterization only
by the startup of the device!
In order to start configuration, bit 15 of the out-
put word must be set to 1. If bit 15 = 0, the de-
fault configuration is active.
Code (hex)
Cause
8800
Parameter OK
8801
Parameter ERROR
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Configuration
Reserved
Substitute value behavior in the
event that IO-Link communication
is aborted
Format
Reserved
1
Reserved
1
0
1
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com