Electronic Components Datasheet Search
  English  ▼

X  

8596 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 8596
Description  AXL E IOL AO1 I M12 S
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8596 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  8596 Datasheet HTML 1Page - PHOENIX CONTACT 8596 Datasheet HTML 2Page - PHOENIX CONTACT 8596 Datasheet HTML 3Page - PHOENIX CONTACT 8596 Datasheet HTML 4Page - PHOENIX CONTACT 8596 Datasheet HTML 5Page - PHOENIX CONTACT 8596 Datasheet HTML 6Page - PHOENIX CONTACT 8596 Datasheet HTML 7Page - PHOENIX CONTACT 8596 Datasheet HTML 8Page - PHOENIX CONTACT 8596 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AXL E IOL AO1 I M12 S
8596_en_04
PHOENIX CONTACT
5
5
Additional tables
The data is valid for nominal operation
(supply voltage = 24 V) in the default configuration
(measurement range 4 mA ... 20 mA).
The tolerance values refer to the measuring range final
value.
6
Internal circuit diagram
Figure 1
Internal wiring of connections
Key:
Tolerance and temperature response at T
A = -25°C to
+60°C
Drift
Typical
Maximum
±25 ppm/K
±75 ppm/K
Tolerances influenced by electromagnetic interfer-
ence
Type of electro-
magnetic inter-
ference
Standard
Toler-
ance
Criterion
Electromagnetic fields
EN 61000-4-3/
IEC 61000-4-3
< ±1.0%
A
Fast transients (burst)
EN 61000-4-4/
IEC 61000-4-4
< ±1.0%
A
Conducted interference
EN 61000-4-6/
IEC 61000-4-6
< ±1.0%
A
Protective circuit
IO-Link circuit
Microprocessor
Digital/analog converter
µC
L+
C/Q
L-
FE
FE
IO-Link
IC
1
4
3
Protection
IO-Link
IC
µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com