Electronic Components Datasheet Search
  English  ▼

X  

8596 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 8596
Description  AXL E IOL AO1 I M12 S
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8596 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 8596 Datasheet HTML 4Page - PHOENIX CONTACT 8596 Datasheet HTML 5Page - PHOENIX CONTACT 8596 Datasheet HTML 6Page - PHOENIX CONTACT 8596 Datasheet HTML 7Page - PHOENIX CONTACT 8596 Datasheet HTML 8Page - PHOENIX CONTACT 8596 Datasheet HTML 9Page - PHOENIX CONTACT 8596 Datasheet HTML 10Page - PHOENIX CONTACT 8596 Datasheet HTML 11Page - PHOENIX CONTACT 8596 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AXL E IOL AO1 I M12 S
8596_en_04
PHOENIX CONTACT
8
12
Process data
The device occupies one word of IN process data and one
word of OUT process data.
12.1
IN process data
The following data is transmitted in the input process data:
–
During normal error-free operation, the output value is
mirrored in the input process data for each channel.
–
If an error occurs, the diagnostic message is mirrored in
the input process data for each channel. The diagnos-
tics message is deleted as soon as the error is eliminat-
ed.
Diagnostic messages in IB IL format
Diagnostic messages in S7-compatible format
12.2
OUT process data
The output values are depicted in IB IL or S7-compatible format.
For both formats the output value is represented in bits 14 to 3. Bit 15 is available as a sign bit. Bits 2 to 0 are not relevant for
the output value.
Parameterization
In addition, the device can be parameterized via the process data output word.
The following configurations are possible:
–
Selection of formats for representing measured values
–
Establishing substitute value behavior
Code (hex)
Cause
8002
Wire break
8040
Device faulty
8040
Underrange
Code (hex)
Cause
7FFF
Overrange
8000
Wire break/underrange
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
V
Analog value
x
x
x
V
Sign bit (= 0, not relevant)
x
Not relevant for the output value (must be 0)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Configuration
Reserved
Substitute value behavior
in the event that IO-Link
communication is aborted
Format
Reserved
For the exact meaning of the individual bits, please refer to “Parameterization (80
hex: ParaWord)”.
Output values in the range from 8000 ... BFFF are interpreted as parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com