Electronic Components Datasheet Search
  English  ▼

X  

8596 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 8596
Description  AXL E IOL AO1 I M12 S
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8596 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 8596 Datasheet HTML 2Page - PHOENIX CONTACT 8596 Datasheet HTML 3Page - PHOENIX CONTACT 8596 Datasheet HTML 4Page - PHOENIX CONTACT 8596 Datasheet HTML 5Page - PHOENIX CONTACT 8596 Datasheet HTML 6Page - PHOENIX CONTACT 8596 Datasheet HTML 7Page - PHOENIX CONTACT 8596 Datasheet HTML 8Page - PHOENIX CONTACT 8596 Datasheet HTML 9Page - PHOENIX CONTACT 8596 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AXL E IOL AO1 I M12 S
8596_en_04
PHOENIX CONTACT
6
7
Pin assignment
7.1
Connections on the device
Figure 2
Connections on the converter
7.2
Pin assignment of the IO-Link interface
Figure 3
Pin assignment of the I/O link interface
(M12 A-coded, pin)
7.3
Pin assignment of the analog output
Figure 4
Pin assignment of the analog output
(M12, A-coded, socket)
8
Connection notes
Always connect the analog actuators using shielded
twisted-pair cables.
9
Connection example
Figure 5
Connection example
No.
Connection
1IO-Link interface
(indicated by IO-Link symbol)
2
Fixing options;
options for connection to functional earth ground
3Analog output
Pin
Signal
Meaning
1L+
+24 V supply voltage;
from IO-Link master
2-
Not used
3
L-
GND, reference potential for L+
4
C/Q
IO-Link data transmission channel
3
2
1
1
4
3
2
Pin
Assignment
1
+24 V, 100 mA
2
Current output 4 mA ... 20 mA
3GND
4Not used
5Not used
2
3
4
5
1
1
4
3
2
2
3
4
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com