Electronic Components Datasheet Search
  English  ▼

X  

2909577 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2909577
Description  QUINT4-PS/1AC/24DC/3.8/PT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909577 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2909577 Datasheet HTML 1Page - PHOENIX CONTACT 2909577 Datasheet HTML 2Page - PHOENIX CONTACT 2909577 Datasheet HTML 3Page - PHOENIX CONTACT 2909577 Datasheet HTML 4Page - PHOENIX CONTACT 2909577 Datasheet HTML 5Page - PHOENIX CONTACT 2909577 Datasheet HTML 6Page - PHOENIX CONTACT 2909577 Datasheet HTML 7Page - PHOENIX CONTACT 2909577 Datasheet HTML 8Page - PHOENIX CONTACT 2909577 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
QUINT4-PS/1AC/24DC/3.8/PT
108339_en_00
PHOENIX CONTACT
4 / 28
4
Technical data
Input data
Unless otherwise stated, all data applies for 25°C ambient temperature, 230 V AC input voltage, and nominal
output current (I
N).
Input voltage range
100 V AC ... 240 V AC -15 % ... +10 %
110 V DC ... 250 V DC -20 % ... +40 %
Electric strength, max.
300 V AC 30 s
Frequency range (f
N)
50 Hz ... 60 Hz -10 % ... +10 %
Current consumption (for nominal values) typ.
1 A (100 V AC)
0.83 A (120 V AC)
0.46 A (230 V AC)
0.44 A (240 V AC)
0.91 A (110 V DC)
0.4 A (250 V DC)
Discharge current to PE
typical
< 0.25 mA (264 V AC, 60 Hz)
0.18 mA (264 V AC, 60 Hz)
Mains buffering
> 35 ms (120 V AC)
> 35 ms (230 V AC)
Typical response time
500 ms
Protective circuit
Transient surge protection Varistor
Switch-on current surge limitation typical after 1 ms
6.4 A
Inrush surge current I
2
t< 0.18 A
2
s
Input fuse slow-blow, internal
3.15 A
During the first few microseconds, the current flow into the filter capacitors is excluded.
The SCCR value (short-circuit current rating) of the power supply unit corresponds to the SCCR value of the
backup fuse (see input protection table).
Input protection , AC ( to be connected externally upstream )
Input current I
In
Input protection
Circuit breaker
Neozed fuse
or equivalent
Power switch
Characteristics
A
B
C
D
K
gG
≤ 13 x I
In
(maximum magnetic tripping)
6 A
-

--
-
-
8 A
-
-
-
-
-
10 A
-

--
-
-
13 A
-
-
-
-
-
16 A
-

--
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com