Electronic Components Datasheet Search
  English  ▼

X  

2909577 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 2909577
Description  QUINT4-PS/1AC/24DC/3.8/PT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909577 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 2909577 Datasheet HTML 7Page - PHOENIX CONTACT 2909577 Datasheet HTML 8Page - PHOENIX CONTACT 2909577 Datasheet HTML 9Page - PHOENIX CONTACT 2909577 Datasheet HTML 10Page - PHOENIX CONTACT 2909577 Datasheet HTML 11Page - PHOENIX CONTACT 2909577 Datasheet HTML 12Page - PHOENIX CONTACT 2909577 Datasheet HTML 13Page - PHOENIX CONTACT 2909577 Datasheet HTML 14Page - PHOENIX CONTACT 2909577 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
QUINT4-PS/1AC/24DC/3.8/PT
108339_en_00
PHOENIX CONTACT 11 / 28
Comments
Criterion B
Criterion A
Asymmetrical conducted disturbance variables EN 61000-4-16
Input, Output, Signals
50 Hz , 60 Hz , 10 V
(Permanent) ( Test Level 3 )
16.67 Hz , 50 Hz , 60 Hz , 30 V
(Permanent) ( Test Level 3 )
16.67 Hz , 50 Hz ,
60 Hz , 150 Hz , 100 V (1 s)
( Test Level 1 )
16.67 Hz , 50 Hz ,
60 Hz , 300 V (1 s)
( Test Level 4 )
Comments
Criterion A
Criterion A
Attenuated oscillating wave EN 61000-4-18
Input, Output
0.5 kV (symmetrical)
1 kV (symmetrical)
1 kV (asymmetrical)
2.5 kV (asymmetrical)
Comments
none
Criterion B
Basic standard
Minimum normative
requirements of EN 61000-
6-5 (power station
equipment, zone 1, 2)
Higher requirements in
practice (covered)
Key
Criterion A
Normal operating behavior within the specified limits.
Criterion B
Temporary impairment to operational behavior that is corrected by the device itself.
Criterion C
Temporary adverse effects on the operating behavior, which the device corrects
automatically or which can be restored by actuating the operating elements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com