Electronic Components Datasheet Search
  English  ▼

X  

2909577 Datasheet(PDF) 25 Page - PHOENIX CONTACT

Part # 2909577
Description  QUINT4-PS/1AC/24DC/3.8/PT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909577 Datasheet(HTML) 25 Page - PHOENIX CONTACT

Back Button 2909577 Datasheet HTML 20Page - PHOENIX CONTACT 2909577 Datasheet HTML 21Page - PHOENIX CONTACT 2909577 Datasheet HTML 22Page - PHOENIX CONTACT 2909577 Datasheet HTML 23Page - PHOENIX CONTACT 2909577 Datasheet HTML 24Page - PHOENIX CONTACT 2909577 Datasheet HTML 25Page - PHOENIX CONTACT 2909577 Datasheet HTML 26Page - PHOENIX CONTACT 2909577 Datasheet HTML 27Page - PHOENIX CONTACT 2909577 Datasheet HTML 28Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
QUINT4-PS/1AC/24DC/3.8/PT
108339_en_00
PHOENIX CONTACT 25 / 28
12.4
Active signal outputs, digital
Signals are routed to a superordinate controller via the
digital signal output "3.1 SIG".
The 24 V DC signal is applied between the connection
terminal blocks "3.1 SIG" and "2.2 -" or 2.3 -". The maximum
load is 30 mA.
Figure 19
Signaling
12.4.1 Signal level surge protection
IEC 61850-3 Immunity Requirement
Signal connections must satisfy the immunity requirement.
Equipment that is installed in "protected" areas and has
direct connections to other areas must satisfy the immunity
criteria.
Use Phoenix Contact surge protection (Order No. 2905223)
when you are using signal connection types p, l, f, and h for
the signal paths.
DIN EN 61000-6-5 Electromagnetic Compatibility
(EMC)
The interface area may include items such as equipment,
devices, apparatus, and systems connected to the outside
world.
Use Phoenix Contact surge protection (Order No. 2905223)
when you are using connection terminal blocks "3.1 SIG"
and "2.2 -" or "2.3 -" for the signals.
(see Section: Technical data, electromagnetic compatibility
table)
Figure 20
Schematic diagram, signal wiring with
TRABTECH surge protection
PLC
Digital Input
GND
DI x 0/24 V DC
Output DC
Boost > 100%
> 75%
> 50%
DC OK
P>P
U
Out
Thr
Out
24-28V
Signal (SIG)
SIG
+ −−
3.1 2.1 2.2 2.3
6
2
4
5
1
3
PLC
Digital Input
GND
0/24 V DC DI x
Output DC
Boost > 100%
> 75%
> 50%
DC OK
P>P
U
Out
Thr
Out
24-28V
Signal (SIG)
SIG
+ −−
3.1 2.1 2.2 2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com