Electronic Components Datasheet Search
  English  ▼

X  

2909577 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 2909577
Description  QUINT4-PS/1AC/24DC/3.8/PT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909577 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 2909577 Datasheet HTML 10Page - PHOENIX CONTACT 2909577 Datasheet HTML 11Page - PHOENIX CONTACT 2909577 Datasheet HTML 12Page - PHOENIX CONTACT 2909577 Datasheet HTML 13Page - PHOENIX CONTACT 2909577 Datasheet HTML 14Page - PHOENIX CONTACT 2909577 Datasheet HTML 15Page - PHOENIX CONTACT 2909577 Datasheet HTML 16Page - PHOENIX CONTACT 2909577 Datasheet HTML 17Page - PHOENIX CONTACT 2909577 Datasheet HTML 18Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
QUINT4-PS/1AC/24DC/3.8/PT
108339_en_00
PHOENIX CONTACT 14 / 28
6.3.1
Performing high-voltage testing
If high-voltage testing of the control cabinet or the power
supply as a stand-alone component is planned during final
inspection and testing, the following features must be
observed.
–
The power supply wiring must be implemented as
shown in the wiring diagram.
–
The maximum permissible test voltages must not be
exceeded.
Avoid unnecessary loading or damage to the power supply
due to excessive test voltages.
Figure 1
Potential-related wiring for the high-voltage
test
Key
For the relevant applicable test voltages and
insulation distances, refer to the
corresponding table (see technical data:
electric strength of the insulation section).
No.
Designation
Color coding
Potential
levels
1
DC output circuit Blue
Potential 1
2
Signal contacts
Blue
Potential 1
3
High-voltage
tester
--
--
4
AC input circuit
Red
Potential 2
1
2
3
4
HV
/=
Input AC
Output DC
Boost > 100%
> 75%
> 50%
DC OK
P>P
U
Out
Thr
Out
24-28V
Signal (SIG)
SIG
+ −−
3.1 2.1 2.2 2.3
1.1 1.2
L/+
N/−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com