Electronic Components Datasheet Search
  English  ▼

X  

2909577 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 2909577
Description  QUINT4-PS/1AC/24DC/3.8/PT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909577 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 2909577 Datasheet HTML 3Page - PHOENIX CONTACT 2909577 Datasheet HTML 4Page - PHOENIX CONTACT 2909577 Datasheet HTML 5Page - PHOENIX CONTACT 2909577 Datasheet HTML 6Page - PHOENIX CONTACT 2909577 Datasheet HTML 7Page - PHOENIX CONTACT 2909577 Datasheet HTML 8Page - PHOENIX CONTACT 2909577 Datasheet HTML 9Page - PHOENIX CONTACT 2909577 Datasheet HTML 10Page - PHOENIX CONTACT 2909577 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
QUINT4-PS/1AC/24DC/3.8/PT
108339_en_00
PHOENIX CONTACT
7 / 28
Signal contact (adjustable)
Digital
0 / 24 V DC , 30 mA
Default
24 V DC , 30 mA ( 24 V DC for U
Out > 0.9 x USet )
Signal connection data
Connection method
Push-in technology
Conductor cross section, solid
0.2 mm² ... 2.5 mm²
Conductor cross section, flexible
0.2 mm² ... 2.5 mm²
Stranded conductor cross section with ferrule
0.25 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 14
Stripping length
10 mm
Tightening moment
0.5 Nm ... 0.6 Nm
Reliability
230 V AC
MTBF (IEC 61709, SN 29500)
> 1272000 h (25 °C)
> 690000 h (40 °C)
> 271000 h (60 °C)
Life expectancy (electrolytic capacitors)
Output current (I
Out)
120 V AC
230 V AC
3.8 A
> 57000 h ( 40 °C )
> 61000 h ( 40 °C )
3.8 A
> 162000 h ( 25 °C )
> 173000 h ( 25 °C )
The expected service life is based on the capacitors used. If the capacitor specification is observed, the
specified data will be ensured until the end of the stated service life. For runtimes beyond this time, error-free
operation may be reduced. The specified service life of more than 15 years is simply a comparative value.
Switching frequency
Min.
Max.
PFC stage
30 kHz
150 kHz
Auxiliary converter stage
5 kHz
65 kHz
Main converter stage
80 kHz
150 kHz
General data
Degree of protection
IP20
Protection class
II
Inflammability class in acc. with UL 94 (housing / terminal
blocks)
V0
Type of housing
Polycarbonate
Hood version
Polycarbonate
Dimensions W / H / D (state of delivery)
45 mm / 106 mm / 90 mm
Weight
0.296 kg
Power dissipation
120 V AC
230 V AC
Maximum power dissipation in no-load condition
< 1 W
< 1 W
Power loss nominal load max.
< 7 W
< 6 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com