Electronic Components Datasheet Search
  English  ▼

X  

2909577 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 2909577
Description  QUINT4-PS/1AC/24DC/3.8/PT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909577 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 2909577 Datasheet HTML 12Page - PHOENIX CONTACT 2909577 Datasheet HTML 13Page - PHOENIX CONTACT 2909577 Datasheet HTML 14Page - PHOENIX CONTACT 2909577 Datasheet HTML 15Page - PHOENIX CONTACT 2909577 Datasheet HTML 16Page - PHOENIX CONTACT 2909577 Datasheet HTML 17Page - PHOENIX CONTACT 2909577 Datasheet HTML 18Page - PHOENIX CONTACT 2909577 Datasheet HTML 19Page - PHOENIX CONTACT 2909577 Datasheet HTML 20Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
QUINT4-PS/1AC/24DC/3.8/PT
108339_en_00
PHOENIX CONTACT 16 / 28
7.3
Keep-out areas
Figure 5
Device dimensions and minimum keep-out
areas (in mm)
The minimum clearance to other devices to the left and right
is 0 mm.
45
Boost > 100%
> 75%
> 50%
DC OK
P>P
24-28V
Out
Thr
U
Out
Signal (SIG)
Output DC 24V
A
3.8
−−
SIG
+
3.1 2.1 2.2 2.3
Input AC 100-240V
N/
L/
−+
1.1 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com