Electronic Components Datasheet Search
  English  ▼

X  

2909577 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 2909577
Description  QUINT4-PS/1AC/24DC/3.8/PT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909577 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 2909577 Datasheet HTML 16Page - PHOENIX CONTACT 2909577 Datasheet HTML 17Page - PHOENIX CONTACT 2909577 Datasheet HTML 18Page - PHOENIX CONTACT 2909577 Datasheet HTML 19Page - PHOENIX CONTACT 2909577 Datasheet HTML 20Page - PHOENIX CONTACT 2909577 Datasheet HTML 21Page - PHOENIX CONTACT 2909577 Datasheet HTML 22Page - PHOENIX CONTACT 2909577 Datasheet HTML 23Page - PHOENIX CONTACT 2909577 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
QUINT4-PS/1AC/24DC/3.8/PT
108339_en_00
PHOENIX CONTACT 20 / 28
9
Device connection terminal blocks
The AC input and DC output terminal blocks on the front of
the power supply feature Push-in connection technology.
9.1
Input
The power supply is operated on single-phase AC systems
or two outer conductors of three-phase systems. The power
supply is connected on the primary side via the INPUT L/N
connection terminal blocks.
Figure 12
Network configurations in star network
9.2
Protection of the primary side
Installation of the device must correspond to EN 61010
regulations. It must be possible to switch off the device using
a suitable disconnecting device outside the power supply.
The line protection on the primary side is suitable for this
(see technical data section).
Protection for AC supply
Figure 13
Pin assignment for AC supply voltage
Protection for DC supply
Figure 14
Pin assignment for DC supply voltage
For the necessary connection parameters for
the connection terminal blocks, refer to the
technical data section.
The power supply is approved for connection
to TN, TT, and IT power grids with a maximum
phase-to-phase voltage of 240 V AC.
TN-S
TN-C
L
N
PE
+
L
N
-
L
PEN
+
L
N
-
TT
iT
+
L
N
-
L
N
+-
L
N
L1
L2
L3
DANGER: Hazardous voltage
An all-pos. fuse must be present for operation
on three-phase and DC systems.
L/+ N/-
L
N
Input AC 100...240 V
L/+ N/-
+
-
Input DC 110...250 V
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com