Electronic Components Datasheet Search
  English  ▼

X  

2909577 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 2909577
Description  QUINT4-PS/1AC/24DC/3.8/PT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909577 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 2909577 Datasheet HTML 2Page - PHOENIX CONTACT 2909577 Datasheet HTML 3Page - PHOENIX CONTACT 2909577 Datasheet HTML 4Page - PHOENIX CONTACT 2909577 Datasheet HTML 5Page - PHOENIX CONTACT 2909577 Datasheet HTML 6Page - PHOENIX CONTACT 2909577 Datasheet HTML 7Page - PHOENIX CONTACT 2909577 Datasheet HTML 8Page - PHOENIX CONTACT 2909577 Datasheet HTML 9Page - PHOENIX CONTACT 2909577 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
QUINT4-PS/1AC/24DC/3.8/PT
108339_en_00
PHOENIX CONTACT
6 / 28
Input connection data
Connection method
Push-in technology
Conductor cross section, solid
0.2 mm² ... 2.5 mm²
Conductor cross section, flexible
0.2 mm² ... 2.5 mm²
Stranded conductor cross section with ferrule
0.25 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 14
Stripping length
10 mm
Tightening torque
0.5 Nm ... 0.6 Nm
Output data
Nominal output voltage (U
N)24 V DC
Setting range of the output voltage (U
Set) ( constant
capacity )
24 V DC ... 28 V DC
Nominal output current (I
N)3.8 A
Dynamic Boost (I
Dyn.Boost)
7 A (≤ 60 °C (5 s))
Control deviation Static load change 10 % ... 90 %< 0.5 %
Control deviation Dynamic load change 10 % ... 90 %, (10
Hz)
< 3 %
Control deviation change in input voltage ±10 %
< 0.2 %
Short-circuit-proof
yes
No-load proof
yes
Residual ripple ( with nominal values )
< 45 mV
PP
Connection in parallel
Yes, for redundancy and increased capacity
Connection in series
yes
Feedback resistance
≤ 35 V DC
Circuit breaker against surge voltage at output by invasive
foreign matter
≤ 32 V DC
Rise time typical
50 ms (U
Out = 10 % ... 90 %)
Output connection data
Connection method
Push-in technology
Conductor cross section, solid
0.2 mm² ... 2.5 mm²
Conductor cross section, flexible
0.2 mm² ... 2.5 mm²
Stranded conductor cross section with ferrule
0.25 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 14
Stripping length
10 mm
Tightening torque
0.5 Nm ... 0.6 Nm
LED signaling
P
Out > PThr
LED lights up yellow, output power > P
Thr, depending on the
rotary selector switch setting
U
Out > 0.9 x USet
LED lights up green
U
Out < 0.9 x USet
LED flashes green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com