Electronic Components Datasheet Search
  English  ▼

X  

LTC2480CDD Datasheet(PDF) 31 Page - Linear Technology

Part # LTC2480CDD
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC2480CDD Datasheet HTML 27Page - Linear Technology LTC2480CDD Datasheet HTML 28Page - Linear Technology LTC2480CDD Datasheet HTML 29Page - Linear Technology LTC2480CDD Datasheet HTML 30Page - Linear Technology LTC2480CDD Datasheet HTML 31Page - Linear Technology LTC2480CDD Datasheet HTML 32Page - Linear Technology LTC2480CDD Datasheet HTML 33Page - Linear Technology LTC2480CDD Datasheet HTML 34Page - Linear Technology LTC2480CDD Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
31
LTC2480
2480f
external oscillator), the LTC2480 output data rate can be
increased as desired. The duration of the conversion
phase is 41036/fEOSC. If fEOSC = 307.2kHz, the converter
behaves as if the internal oscillator is used and the notch
is set at 60Hz.
An increase in fEOSC over the nominal 307.2kHz will
translate into a proportional increase in the maximum
output data rate. The increase in output rate is neverthe-
less accompanied by three potential effects, which must
be carefully considered.
First, a change in fEOSC will result in a proportional change
in the internal notch position and in a reduction of the
converter differential mode rejection at the power line
frequency. In many applications, the subsequent perfor-
mance degradation can be substantially reduced by rely-
ing upon the LTC2480’s exceptional common mode rejec-
tion and by carefully eliminating common mode to differ-
ential mode conversion sources in the input circuit. The
user should avoid single-ended input filters and should
maintain a very high degree of matching and symmetry in
the circuits driving the IN+ and IN– pins.
Second, the increase in clock frequency will increase
proportionally the amount of sampling charge transferred
through the input and the reference pins. If large external
input and/or reference capacitors (CIN, CREF) are used, the
previous section provides formulae for evaluating the
effect of the source resistance upon the converter perfor-
mance for any value of fEOSC. If small external input and/or
reference capacitors (CIN, CREF) are used, the effect of the
external source resistance upon the LTC2480 typical
performance can be inferred from Figures 13, 14, 15 and
16 in which the horizontal axis is scaled by 307200/fEOSC.
Third, an increase in the frequency of the external oscilla-
tor above 1MHz (a more than 3
×increaseintheoutputdata
rate) will start to decrease the effectiveness of the internal
autocalibration circuits. This will result in a progressive
degradation in the converter accuracy and linearity. Typi-
cal measured performance curves for output data rates up
to 100 readings per second are shown in Figures 20 to 27.
In order to obtain the highest possible level of accuracy from
this converter at output data rates above 20 readings per
second, the user is advised to maximize the power supply
voltage used and to limit the maximum ambient operating
APPLICATIO S I FOR ATIO
Figure 20. Offset Error vs Output Data Rate and Temperature
Figure 21. +FS Error vs Output Data Rate and Temperature
Figure 22. –FS Error vs Output Data Rate and Temperature
OUTPUT DATA RATE (READINGS/SEC)
–10
10
30
50
0
20
40
20
40
60
80
2480 F20
100
10
030
50
70
90
VIN(CM) = VREF(CM)
VCC = VREF = 5V
VIN = 0V
FO = EXT CLOCK
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
0
500
1500
2000
2500
3500
10
50
70
2480 F21
1000
3000
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
FO = EXT CLOCK
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
–3500
–3000
–2000
–1500
–1000
0
10
50
70
2480 F22
–2500
–500
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
FO = EXT CLOCK
TA = 85°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com