Electronic Components Datasheet Search
  English  ▼

X  

LTC2480CDD Datasheet(PDF) 34 Page - Linear Technology

Part # LTC2480CDD
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC2480CDD Datasheet HTML 30Page - Linear Technology LTC2480CDD Datasheet HTML 31Page - Linear Technology LTC2480CDD Datasheet HTML 32Page - Linear Technology LTC2480CDD Datasheet HTML 33Page - Linear Technology LTC2480CDD Datasheet HTML 34Page - Linear Technology LTC2480CDD Datasheet HTML 35Page - Linear Technology LTC2480CDD Datasheet HTML 36Page - Linear Technology LTC2480CDD Datasheet HTML 37Page - Linear Technology LTC2480CDD Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
34
LTC2480
2480f
APPLICATIO S I FOR ATIO
Figure 30. Input Normal Mode Rejection,
Internal Oscillator and 50Hz Notch Mode
Figure 31. Input Normal Mode Rejection, Internal
Oscillator and 60Hz Notch Mode or External Oscillator
The SINC4 digital filter provides greater than 120dB nor-
mal mode rejection at all frequencies except DC and
integer multiples of the modulator sampling frequency
(fS). The LTC2480’s autocalibration circuits further sim-
plify the antialiasing requirements by additional normal
mode signal filtering both in the analog and digital domain.
Independent of the operating mode, fS = 256 • fN = 2048
• fOUTMAX where fN is the notch frequency and fOUTMAX is
the maximum output data rate. In the internal oscillator
mode with a 50Hz notch setting, fS = 12800Hz, with
50Hz/60Hz rejection, fS = 13960Hz and with a 60Hz notch
setting fS = 15360Hz. In the external oscillator mode, fS =
fEOSC/20. The performance of the normal mode rejection
is shown in Figures 30 and 31.
In 1x speed mode, the regions of low rejection occurring
at integer multiples of fS have a very narrow bandwidth.
Magnified details of the normal mode rejection curves are
shown in Figure 32 (rejection near DC) and Figure 33
(rejection at fS = 256fN) where fN represents the notch
frequency. These curves have been derived for the exter-
nal oscillator mode but they can be used in all operating
modes by appropriately selecting the fN value.
The user can expect to achieve this level of performance
using the internal oscillator as it is demonstrated by Fig-
ures 34, 35 and 36. Typical measured values of the normal
mode rejection of the LTC2480 operating with an internal
oscillator and a 60Hz notch setting are shown in Figure 34
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS 2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS10fS11fS12fS
2480 F30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS
2480 F31
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS 10fS
Figure 32. Input Normal Mode Rejection at DC
Figure 33. Input Normal Mode Rejection at fS = 256fN
INPUT SIGNAL FREQUENCY (Hz)
2480 F32
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN
0
2fN 3fN 4fN 5fN 6fN 7fN 8fN
fN = fEOSC/5120
INPUT SIGNAL FREQUENCY (Hz)
250fN 252fN 254fN 256fN 258fN 260fN 262fN
2480 F33
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com