Electronic Components Datasheet Search
  English  ▼

X  

LTC2480CDD Datasheet(PDF) 36 Page - Linear Technology

Part # LTC2480CDD
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC2480CDD Datasheet HTML 32Page - Linear Technology LTC2480CDD Datasheet HTML 33Page - Linear Technology LTC2480CDD Datasheet HTML 34Page - Linear Technology LTC2480CDD Datasheet HTML 35Page - Linear Technology LTC2480CDD Datasheet HTML 36Page - Linear Technology LTC2480CDD Datasheet HTML 37Page - Linear Technology LTC2480CDD Datasheet HTML 38Page - Linear Technology LTC2480CDD Datasheet HTML 39Page - Linear Technology LTC2480CDD Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
36
LTC2480
2480f
APPLICATIO S I FOR ATIO
Figure 37. Measured Input Normal Mode Rejection vs
Input Frequency with Input Perturbation of 150% Full
Scale (60Hz Notch)
INPUT FREQUENCY (Hz)
0
15
30
45
60
75
90
105 120 135 150 165 180 195 210 225 240
2480 F37
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VINCM = 2.5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
Figure 38. Measured Input Normal Mode Rejection vs
Input Frequency with Input Perturbation of 150% Full
Scale (50Hz Notch)
INPUT FREQUENCY (Hz)
0
2480 F38
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
12.5
25
37.5
50
62.5
75
87.5 100 112.5 125 137.5 150 162.5 175 187.5 200
Figure 39. Input Normal Mode Rejection 2x Speed Mode
Figure 40. Input Normal Mode Rejection 2x Speed Mode
Figure 41. Input Normal Mode Rejection vs Input Frequency,
2x Speed Mode and 50Hz/60Hz Mode
Figure 42. Input Normal Mode Rejection 2x Speed Mode
INPUT SIGNAL FREQUENCY (fN)
2480 F39
0
–20
–40
–60
–80
–100
–120
0
fN
2fN 3fN 4fN 5fN
6fN 7fN
8fN
INPUT SIGNAL FREQUENCY (fN)
2480 F48
0
–20
–40
–60
–80
–100
–120
250
248
252 254 256 258 260 262 264
INPUT FREQUENCY (Hz)
0
50
100 125
225
2480 F41
25
75
150 175 200
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VINCM = 2.5V
VIN(P-P) = 5V
FO = GND
TA = 25°C
MEASURED DATA
CALCULATED DATA
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
48
–70
–80
–90
–100
–110
–120
–130
–140
54
58
2480 F42
50
52
56
60
62
NO AVERAGE
WITH
RUNNING
AVERAGE
mode. Typical measured values of the normal mode
rejection of the LTC2480 operating with the internal oscil-
lator and 2x speed mode is shown in Figure 41.
When the LTC2480 is configured in 2x speed mode, by
performing a running average, a SINC1 notch is combined
with the SINC4 digital filter, yielding the normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com