Electronic Components Datasheet Search
  English  ▼

X  

LTC2480CDD Datasheet(PDF) 38 Page - Linear Technology

Part # LTC2480CDD
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC2480CDD Datasheet HTML 32Page - Linear Technology LTC2480CDD Datasheet HTML 33Page - Linear Technology LTC2480CDD Datasheet HTML 34Page - Linear Technology LTC2480CDD Datasheet HTML 35Page - Linear Technology LTC2480CDD Datasheet HTML 36Page - Linear Technology LTC2480CDD Datasheet HTML 37Page - Linear Technology LTC2480CDD Datasheet HTML 38Page - Linear Technology LTC2480CDD Datasheet HTML 39Page - Linear Technology LTC2480CDD Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
38
LTC2480
2480f
APPLICATIO S I FOR ATIO
/*** read_LTC2480() ************************************************************
This is the function that actually does all the work of talking to the LTC2480.
The spi_read() function performs an 8 bit bidirectional transfer on the SPI bus.
Data changes state on falling clock edges and is valid on rising edges, as
determined by the setup_spi() line in the initialize() function.
A good starting point when porting to other processors is to write your own
spi_write function. Note that each processor has its own way of configuring
the SPI port, and different compilers may or may not have built-in functions
for the SPI port. Also, since the state of the LTC2480’s SDO line indicates
when a conversion is complete you need to be able to read the state of this line
through the processor’s serial data input. Most processors will let you read
this pin as if it were a general purpose I/O line, but there may be some that
don’t.
When in doubt, you can always write a “bit bang” function for troubleshooting
purposes.
The “fourbytes” structure allows byte access to the 32 bit return value:
struct fourbytes
// Define structure of four consecutive bytes
{
// To allow byte access to a 32 bit int or float.
int8 te0;
//
int8 te1;
// The make32() function in this compiler will
int8 te2;
// also work, but a union of 4 bytes and a 32 bit int
int8 te3;
// is probably more portable.
};
Also note that the lower 4 bits are the configuration word from the previous
conversion. The 4 LSBs are cleared so that
they don’t affect any subsequent mathematical operations. While you can do a
right shift by 4, there is no point if you are going to convert to floating point
numbers - just adjust your scaling constants appropriately.
*******************************************************************************/
signed int32 read_LTC2480(char config)
{
union
// adc_code.bits32
all 32 bits
{
// adc_code.by.te0
byte 0
signed int32 bits32;
// adc_code.by.te1
byte 1
struct fourbytes by;
// adc_code.by.te2
byte 2
} adc_code;
// adc_code.by.te3
byte 3
output_low(CS);
// Enable LTC2480 SPI interface
while(input(PIN_C4)) {}
// Wait for end of conversion. The longest
// you will ever wait is one whole conversion period
// Now is the time to switch any multiplexers because the conversion is finished
// and you have the whole data output time for things to settle.
adc_code.by.te3 = 0;
// Set upper byte to zero.
adc_code.by.te2 = spi_read(config);
// Read first byte, send config byte
adc_code.by.te1 = spi_read(0);
// Read 2nd byte, send speed bit
adc_code.by.te0 = spi_read(0);
// Read 3rd byte. ‘0’ argument is necessary
// to act as SPI master!! (compiler
// and processor specific.)
output_high(CS);
// Disable LTC2480 SPI interface
// Clear configuration bits and subtract offset. This results in
// a 2’s complement 32 bit integer with the LTC2480’s MSB in the 2^20 position
adc_code.by.te0 = adc_code.by.te0 & 0xF0;
adc_code.bits32 = adc_code.bits32 - 0x00200000;
return adc_code.bits32;
} // End of read_LTC2480()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com