Electronic Components Datasheet Search
  English  ▼

X  

LTC2480CDD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2480CDD
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD Datasheet(HTML) 5 Page - Linear Technology

  LTC2480CDD Datasheet HTML 1Page - Linear Technology LTC2480CDD Datasheet HTML 2Page - Linear Technology LTC2480CDD Datasheet HTML 3Page - Linear Technology LTC2480CDD Datasheet HTML 4Page - Linear Technology LTC2480CDD Datasheet HTML 5Page - Linear Technology LTC2480CDD Datasheet HTML 6Page - Linear Technology LTC2480CDD Datasheet HTML 7Page - Linear Technology LTC2480CDD Datasheet HTML 8Page - Linear Technology LTC2480CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
LTC2480
2480f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fEOSC
External Oscillator Frequency Range
(Note 15)
●
10
4000
kHz
tHEO
External Oscillator High Period
●
0.125
100
µs
tLEO
External Oscillator Low Period
●
0.125
100
µs
tCONV_1
Conversion Time for 1x Speed Mode
50Hz Mode
●
157.2
160.3
163.5
ms
60Hz Mode
●
131.0
133.6
136.3
ms
Simultaneous 50Hz/60Hz Mode
●
144.1
146.9
149.9
ms
External Oscillator
●
41036/fEOSC (in kHz)
ms
tCONV_2
Conversion Time for 2x Speed Mode
50Hz Mode
●
78.7
80.3
81.9
ms
60Hz Mode
●
65.6
66.9
68.2
ms
Simultaneous 50Hz/60Hz Mode
●
72.2
73.6
75.1
ms
External Oscillator
●
20556/fEOSC (in kHz)
ms
fISCK
Internal SCK Frequency
Internal Oscillator (Note 10)
38.4
kHz
External Oscillator (Notes 10, 11)
fEOSC/8
kHz
DISCK
Internal SCK Duty Cycle
(Note 10)
●
45
55
%
fESCK
External SCK Frequency Range
(Note 10)
●
4000
kHz
tLESCK
External SCK Low Period
(Note 10)
●
125
ns
tHESCK
External SCK High Period
(Note 10)
●
125
ns
tDOUT_ISCK
Internal SCK 24-Bit Data Output Time
Internal Oscillator (Notes 10, 12)
●
0.61
0.625
0.64
ms
External Oscillator (Notes 10, 11)
●
192/fEOSC (in kHz)
ms
tDOUT_ESCK
External SCK 24-Bit Data Output Time
(Note 10)
●
24/fESCK (in kHz)
ms
t1
CS
↓ to SDO Low
●
0
200
ns
t2
CS
↑ to SDO High Z
●
0
200
ns
t3
CS
↓ to SCK↓
Internal SCK Mode
●
0
200
ns
t4
CS
↓ to SCK↑
External SCK Mode
●
50
ns
tKQMAX
SCK
↓ to SDO Valid
●
200
ns
tKQMIN
SDO Hold After SCK
↓
(Note 5)
●
15
ns
t5
SCK Set-Up Before CS
↓
●
50
ns
t6
SCK Hold After CS
↓
●
50
ns
t7
SDI Setup Before SCK
↑
(Note 5)
●
100
ns
t8
SDI Hold After SCK
↑
(Note 5)
●
100
ns
The
● denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
TI I G CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: VCC = 2.7V to 5.5V unless otherwise specified.
VREFCM = VREF/2, FS = 0.5VREF/GAIN
VIN = IN+ – IN–, VIN(CM) = (IN+ + IN–)/2
Note 4: Use internal conversion clock or external conversion clock source
with fEOSC = 307.2kHz unless otherwise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: 50Hz mode (internal oscillator) or fEOSC = 256kHz ±2% (external
oscillator).
Note 8: 60Hz mode (internal oscillator) or fEOSC = 307.2kHz ±2% (external
oscillator).
Note 9: Simultaneous 50Hz/60Hz mode (internal oscillator) or fEOSC =
280kHz
±2% (external oscillator).
Note 10: The SCK can be configured in external SCK mode or internal SCK
mode. In external SCK mode, the SCK pin is used as digital input and the
driving clock is fESCK. In internal SCK mode, the SCK pin is used as digital
output and the output clock signal during the data output is fISCK.
Note 11: The external oscillator is connected to the FO pin. The external
oscillator frequency, fEOSC, is expressed in kHz.
Note 12: The converter uses the internal oscillator.
Note 13: The output noise includes the contribution of the internal
calibration operations.
Note 14: Guaranteed by design and test correlation.
Note 15: Refer to Applications Information section for performance vs
data rate graphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com