Electronic Components Datasheet Search
  English  ▼

X  

RP13 Datasheet(PDF) 4 Page - Hirose Electric

Part # RP13
Description  Plastic Push-Pull Lock Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP13 Datasheet(HTML) 4 Page - Hirose Electric

  RP13 Datasheet HTML 1Page - Hirose Electric RP13 Datasheet HTML 2Page - Hirose Electric RP13 Datasheet HTML 3Page - Hirose Electric RP13 Datasheet HTML 4Page - Hirose Electric RP13 Datasheet HTML 5Page - Hirose Electric RP13 Datasheet HTML 6Page - Hirose Electric RP13 Datasheet HTML 7Page - Hirose Electric RP13 Datasheet HTML 8Page - Hirose Electric RP13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(Dip type)
Receptacle (Jam nut to be fastened)
M12×1
(Dip post diameter)
0.5×0.3
1
A
9
18.1
B
Part No.
HRS No.
A
B
No. of
contacts
Weight
RP13A-12RB-13PA(71)
113-0203-2 71
21.5
3
13
3.5g
(Remarks) See page 5 for details on mounting hole dimensions and page 7 for details on dip post arrangement sizes.
RP13A-12RB-13PA(71)
Right-angle, dip type
Dip post diameter
(Center of the screw hole
for mounting the connector)
4
1
2017
1
(Note) Panel thickness:
1.5mm max.
3.5
E
18
Part No.
HRS No.
No. of
contacts
A
B
C
ØD
E
F
Weight
RP13A-12RC-13PB
113-1020-8
13
17.5
8.5
3.5
0.64
23.5
13
4.0g
RP13A-12RC-20PB
113-0211-0
20
19.5
10.5
3
0.6
31.5
15
5.0g
(Remarks) See page 7 for details on dip post arrangement sizes.
RP13A-12RC-20PB
(Note) The mounting panel thickness should be 1.5mm or less. Mounting
hole should be Ø15 mm or more.
Jack
A
B
Part No.
HRS No.
No. of
contacts
A
B
ØC
Weight
RP13A-12J-13PC(71)
113-0166-8 71
13
49.1
34.6
6.1
4.5g
RP13A-12JD-15PC(71)
113-1005-4 71
15
54.1
39.6
RP13A-12JK-15PC(71)
113-0218-0 71
7.1
RP13A-12JG-20PC(71)
113-1004-1 71
20
52.6
37.4
7.4
(Note) Cable clamping, cable rotation, and other forces may vary with the cable construction. Please make sure that your cable
is suitable for use with these connectors before usage and production.
(Representative example.)
RP13A-12J-13PC(71)
4
RP13 Series
●Plastic Push-Pull Lock Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com