Electronic Components Datasheet Search
  English  ▼

X  

RP13 Datasheet(PDF) 1 Page - Hirose Electric

Part # RP13
Description  Plastic Push-Pull Lock Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP13 Datasheet(HTML) 1 Page - Hirose Electric

  RP13 Datasheet HTML 1Page - Hirose Electric RP13 Datasheet HTML 2Page - Hirose Electric RP13 Datasheet HTML 3Page - Hirose Electric RP13 Datasheet HTML 4Page - Hirose Electric RP13 Datasheet HTML 5Page - Hirose Electric RP13 Datasheet HTML 6Page - Hirose Electric RP13 Datasheet HTML 7Page - Hirose Electric RP13 Datasheet HTML 8Page - Hirose Electric RP13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2018.7
w
Plastic Push-Pull Lock Connectors
RP13 Series
Features
1. Superior mating operability
• A secure mating condition is achieved by simply pushing the plug on to the
receptacle; Pull back on the locking sleeve to easily un-mate the connector.
• Index marks are provided on the plug for easy mating alignment.
• Our proprietary guide keys aid with making a correct mating
orientation in blind or low light conditions.
2. Light weight and robust design
The strong outer shell is made of glass-reinforced polycarbonate
resin, producing light but durable connectors.
3. Available in an anti-static version
The anti-static version connects the plug and receptacle housing
together in such a way that the surrounding shield guards against
the effects of static electricity.
4. Variation
Items
Number of contacts
13, 15, 20
Connector type
Plug and jack: Straight, Receptacle: Straight, right angle
Plug termination type
Crimp
Receptacle termination type
Crimp, PCB dip
Receptacle mounting style
Flange, jam nut
Product Specifications
Ratings
Rated
current
Standard type : 2A (when using a wire of at least 24 AWG)
Anti-static type : 2A (when using a wire of at least 22 AWG)
Operating
temperature range
−10 to +60ç
Rated
voltage
For 13 and 15 contact positions : AC 30V, DC 42V
20 contacts : AC 100V, DC 140V
Storage
temperature range
−10 to +60ç
Items
Specifications
Conditions
1. Contact
resistance
For 13 and 15 contact positions : 15mø max.
20 contacts : 30mø max.
Measured at DC 1A
2. Insulation
resistance
1,000Mø min.
Measured at DC 250V
3. Withstanding
voltage
No flashover or dielectric breakdown.
AC 300V for 1 minute
4. Vibration
resistance
No electrical discontinuity for 10µs or greater.
10 to 55Hz/cycle, amplitude : 0.75mm, 3 axis
directions, 2 hours each
5. Shock
resistance
No electrical discontinuity for 10µs or greater.
Acceleration : 490m/s
2, duration : 11ms,
3 axis directions, 3 cycles each
6. Mating cycles
Contact resistance :
For 13 and 15 contact positions : 20mø max.
For 20 contact positions : 45mø max.
1,000 times
7. Temperature
cycle
Insulation resistance : 100Mø min.
-55ç : 30 minutes ➝ Normal temperature : 10 to
15 minutes ➝ 85ç : 30 minutes ➝ Normal
temperature : 10 to 15 minutes, leave total 5 cycles
8. Moisture
resistance
Insulation resistance : 10Mø min. (at high humidity)
100Mø min. (when dry)
Temperature : 40ç, relative humidity : 90 to 95%,
leave 96 hours
Materials / Finish
Items
Material
Finish
Remarks
Plug
Exterior, insulator
Polycarbonate resin
--------------
UL94V-0
Clamp
Brass
--------------
--------------
Bushing
Vinyl chloride resin
--------------
--------------
Receptacle
Exterior, insulator
Polycarbonate resin
--------------
UL94V-0
Steel
Nickel plating
Female contact
Phosphor bronze
Silver plating
--------------
Male contact
Brass
Crimp contact
Female contact
Phosphor bronze
Silver plating, gold plating
--------------
Crimp contact
Male contact
--------------
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.
1


Similar Part No. - RP13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP13-PC-TP HIROSE-RP13-PC-TP Datasheet
203Kb / 5P
5mm Pitch Miniature Potting Connectors for Secondary Power Supply
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
Supply Current Typ. 38uA
logo
RF Monolithics, Inc
RP1308 RFM-RP1308 Datasheet
93Kb / 2P
433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1308 MURATA-RP1308 Datasheet
153Kb / 2P
433.92 MHz SAW Resonator
RP1308 MURATA-RP1308_15 Datasheet
254Kb / 2P
433.92 MHz SAW Resonator
More results

Similar Description - RP13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
Push-Pull Circular Plastic Connectors
RP13A-12PA-13SC HIROSE-RP13A-12PA-13SC Datasheet
431Kb / 12P
Push-Pull Lock Connector
RP17-13P-12PC HIROSE-RP17-13P-12PC Datasheet
266Kb / 6P
Push-Pull Lock Connectors
RP13A-12PA-13SC HIROSE-RP13A-12PA-13SC_1 Datasheet
575Kb / 12P
Push-Pull Lock Connector
RP17-13P-12PC HIROSE-RP17-13P-12PC_1 Datasheet
365Kb / 6P
Push-Pull Lock Connectors
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
HR10A-TC-02 ETC2-HR10A-TC-02 Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
Small-sized, plastic type, push-pull lock connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com