Electronic Components Datasheet Search
  English  ▼

X  

RP13 Datasheet(PDF) 8 Page - Hirose Electric

Part # RP13
Description  Plastic Push-Pull Lock Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP13 Datasheet(HTML) 8 Page - Hirose Electric

Back Button RP13 Datasheet HTML 4Page - Hirose Electric RP13 Datasheet HTML 5Page - Hirose Electric RP13 Datasheet HTML 6Page - Hirose Electric RP13 Datasheet HTML 7Page - Hirose Electric RP13 Datasheet HTML 8Page - Hirose Electric RP13 Datasheet HTML 9Page - Hirose Electric RP13 Datasheet HTML 10Page - Hirose Electric RP13 Datasheet HTML 11Page - Hirose Electric RP13 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Applicable tools
Type
Items
Part No.
HRS No.
Applicable contact
Applicable wire size and
applicable cable diameter
Manual
Manual crimping
tool
RP13-TC-11
150-0024-3
RP13-PC-112
18 to 22 AWG
RP13-TC-12
150-0025-6
RP13-PC-121, 122
24 to 28 AWG
RP13A-TC-11
150-0026-9
RP13A-SC-112
18 to 22 AWG
RP13A-TC-12
150-0027-1
RP13A-SC-121, 122
24 to 28 AWG
RP19-TC-11
150-0048-1
RP19-PC-112
RP19-SC-112
18 to 22 AWG
RP19-TC-12
RP19-PC-122
RP19-SC-122
24 to 28 AWG
Auto
Automatic crimping
press
CM-105C
901-0001-0
------------------------
------------------------
Applicator
AP105-RP13-2
901-2024-0
RP13-PC-221, 222
RP13A-SC-221, 222
24 to 28 AWG
AP105-RP19-1
901-2013-3
RP19-SC-212
18 to 22 AWG
AP105-RP19-2
901-2014-6
RP19-PC-222
RP19-SC-222
24 to 28 AWG
Cable crimping tool
RP13A-TC-01
150-0070-0
------------------------
Ø4.6~Ø5.8
Ø7~Ø7.5
RP13A-TC-02
150-0071-3
------------------------
Ø6.3, Ø7.8
Extraction tool
RP13-PC-TP
150-0021-5
Male contact
------------------------
RP13A-SC-TP
150-0022-8
Female contact
------------------------
RP6-SC-TP
150-0039-0
Male/female contact for
RP19
------------------------
Automatic crimping press
(Type CM-105C)
RP6-SC-TP
Extraction tools
RP13A-SC-TP
RP13-PC-TP
RP13A-TC-02
Cable crimping tool
(handle shape is shown as an example.)
RP13-TC-11
Manual crimping tool
8
RP13 Series
●Plastic Push-Pull Lock Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com