Electronic Components Datasheet Search
  English  ▼

X  

RP13 Datasheet(PDF) 9 Page - Hirose Electric

Part # RP13
Description  Plastic Push-Pull Lock Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP13 Datasheet(HTML) 9 Page - Hirose Electric

Back Button RP13 Datasheet HTML 4Page - Hirose Electric RP13 Datasheet HTML 5Page - Hirose Electric RP13 Datasheet HTML 6Page - Hirose Electric RP13 Datasheet HTML 7Page - Hirose Electric RP13 Datasheet HTML 8Page - Hirose Electric RP13 Datasheet HTML 9Page - Hirose Electric RP13 Datasheet HTML 10Page - Hirose Electric RP13 Datasheet HTML 11Page - Hirose Electric RP13 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Termination/assembly procedure
Plug
Contact Arrangement
(Standard type)
(Anti-static type)
Assembly procedure
1. First, pass the terminated cable through the cord tube in
the following order: spring, connection sleeve, and cord
bushing, and then crimp and terminate the contacts.
2. Assemble the crimped and terminated contacts to the
contact holes of the P-insulation P case. At this time,
please make sure that the crimped contacts are
securely engaged onto the contact holes of the
P-insulation P case by lightly pulling the cable.
3. Attach the metal fitting by clamping to it the cord
bushing and assemble these into the P-insulation P
case. Then crimp the metal fitting by clamping it with
the applicable tool.
4. Next, attach in the following order to the P-insulation P
case: connection sleeve, spring, and cord. Then align
the screw hole of the cord tube and that of the metal
fitting for clamping, and tighten the round flat screw to
the specified torque of 0.2 N•m (2 kg•cm).
5. After the assembly procedure described above has
been completed, test the parts to make sure that the
locking collar moves correctly.
Contact
arrangement
No. of contacts
13
15
20
Contact
arrangement
No. of contacts
13
11
8
7
4
2
3
1
12
13
13
12
11
8
7
4
2
1
3
14
12
11
10
76
9
85
15
13
3
4
2
1
1611
10
5
41
2017
(Remarks) 1. The figures shown above are viewed from the receptacle and jack mating end (plug connection end).
Cable
Cord tube
Spring
Round, flat head screw
Arrow view A
Locking collar
Metal fitting for
clamping
P-insulation
P case
Cord bushing
A
9
RP13 Series
●Plastic Push-Pull Lock Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com