Electronic Components Datasheet Search
  English  ▼

X  

RP13 Datasheet(PDF) 3 Page - Hirose Electric

Part # RP13
Description  Plastic Push-Pull Lock Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP13 Datasheet(HTML) 3 Page - Hirose Electric

  RP13 Datasheet HTML 1Page - Hirose Electric RP13 Datasheet HTML 2Page - Hirose Electric RP13 Datasheet HTML 3Page - Hirose Electric RP13 Datasheet HTML 4Page - Hirose Electric RP13 Datasheet HTML 5Page - Hirose Electric RP13 Datasheet HTML 6Page - Hirose Electric RP13 Datasheet HTML 7Page - Hirose Electric RP13 Datasheet HTML 8Page - Hirose Electric RP13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(Crimp type)
(Dip type )
Standard plug
Standard type
Receptacle (Flange type)
B
A
2-
B
(Hole is threaded on metal
flange portion)
Press-fitted
metal flange
10
3.2
A
Ø 19
45
°
0.5×0.3
(Dip post diameter)
Press-fitted metal flange
(Hole is threaded on
metal flange portion)
2-M2.6×0.45
A
B
18.1
3.2 10
Ø19
45
°
Part No.
HRS No.
No. of contacts
AB ØC Weight
RP13A-12PA-13SC(71) 113-0182-4 71
13
47.2 32
6.1
6.0g
RP13A-12PB-13SC(31) 113-0184-0 31
5.7
RP13A-12PD-13SC(71) 113-0186-5 71
52.2 37 6.1
RP13A-12PE-13SC(71) 113-0201-7 71
47.2 32 6.4
RP13A-12PK-13SC(71) 113-1006-7 71
52.2 37
7.1
RP13A-12PS-13SC(71) 113-1026-4 71
8.1
RP13A-12PD-15SC(71) 113-0206-0 71
15
6.1
RP13A-12PK-15SC(71) 113-0219-2 71
7.1
RP13A-12PP-15SC(71) 113-1010-4 71
7.5
Part No.
HRS No.
No. of contacts
AB ØC Weight
RP13A-12PD-20SC(71) 113-0214-9 71
20
52.2 37
6.1
6.0g
RP13A-12PG-20SC(71) 113-0210-8 71
7.5
RP13A-12PH-20SC(71) 113-0217-7 71
47.2 32 6.4
RP13A-12PK-20SC(71) 113-1012-0 71
52.2 37
7.1
RP13A-12PS-20SC(71) 113-1022-3 71
8.1
(Note) Cable clamping, cable rotation, and other forces may vary
with the cable construction. Please make sure that your cable
is suitable for use with these connectors before usage and
production.
Part No.
HRS No.
No. of contacts
A
B
Weight
RP13A-12RA-13PC(71)
113-0183-7 71
13
18.1
M2.6×0.45
4.0g
RP13A-12RA-15PC(71)
113-0207-3 71
15
RP13A-12RA-20PC(71)
113-0215-1 71
20
16
(Remarks) See page 5 for details on mounting hole dimensions.
Part No.
HRS No.
No. of contacts
A
B
Weight
RP13A-12RA-13PA(71)
113-0202-0 71
13
21.5
3
5.0g
RP13A-12RA-15PA(71)
113-1002-6 71
15
(Remarks) See page 5 for details on mounting dimensions and page 7 for details on dip post arrangement sizes.
RP13A-12RA-13PC(71)
RP13A-12RA-13PA(71)
(Representative example.)
(Representative example.)
(Representative example.)
RP13A-12PA-13SC(71)
3
RP13 Series
●Plastic Push-Pull Lock Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com