Electronic Components Datasheet Search
  English  ▼

X  

RP13 Datasheet(PDF) 5 Page - Hirose Electric

Part # RP13
Description  Plastic Push-Pull Lock Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP13 Datasheet(HTML) 5 Page - Hirose Electric

  RP13 Datasheet HTML 1Page - Hirose Electric RP13 Datasheet HTML 2Page - Hirose Electric RP13 Datasheet HTML 3Page - Hirose Electric RP13 Datasheet HTML 4Page - Hirose Electric RP13 Datasheet HTML 5Page - Hirose Electric RP13 Datasheet HTML 6Page - Hirose Electric RP13 Datasheet HTML 7Page - Hirose Electric RP13 Datasheet HTML 8Page - Hirose Electric RP13 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Contact
(Male contact)
(Female contact)
(Flange type)
(Jam nut to be tightened)
Type
Part No.
HRS No.
Plating
B
C D
E
Applicable
wire size
Loose piece
contacts
RP13-PC-122 113-0179-0 Silver plating
1.2 1.35 13.9 1.4 24 to 28 AWG
Reel contacts
RP13-PC-221 113-0360-0
Partial gold
plating
RP13-PC-222 113-0141-7 Silver plating
Type
Part No.
HRS No.
Plating
B
C D
E
Applicable
wire size
Loose piece
contacts
RP13A-SC-121 113-0363-9 Partial gold plating
1.2 1.35 13.9 1.4 24 to 28 AWG
RP13A-SC-122 113-0181-1 Silver plating
Reel contacts
RP13A-SC-221 113-0362-6 Partial gold plating
RP13A-SC-222 113-0151-0 Silver plating
Type
Part No.
HRS No.
Plating
B
C D
E
Applicable
wire size
Loose piece
contacts
RP13-PC-112 113-0178-7
Silver plating 1.6 2.1 13.9 1.4 18 to 22 AWG
Reel contacts RP13-PC-212 113-0140-4
Type
Part No.
HRS No.
Plating
B
C D
E
Applicable
wire size
Loose piece
contacts
RP13A-SC-112 113-0180-9
Silver plating 1.6 2.1 13.9 1.4 18 to 22 AWG
Reel contacts RP13A-SC-212 113-0150-8
Type
Part No.
HRS No.
Plating
B
C D
E
Applicable
wire size
Loose piece
contacts
RP19-PC-122 113-0268-8
Silver plating 1.2 1.35 12 1.18 24 to 30 AWG
Reel contacts RP19-PC-222 113-0264-7
Type
Part No.
HRS No.
Plating
B
C D
E
Applicable
wire size
Loose piece
contacts
RP19-SC-122 113-0270-0
Silver plating 1.2 1.35 11 1.18 24 to 30 AWG
Reel contacts RP19-SC-222 113-0266-2
A-A
A
A
C
D
A
A-A
A
C
D
For 13 and 15 contact positions
For 13 and 15 contact positions
13 contact position for super-thick wires (available for contact position numbers 12 and 13 only)
13 contact position for super-thick wires (available for contact position numbers 12 and 13 only)
For 20 contact positions
For 20 contact positions
(Representative example.)
(The form shown above represents an example.)
Panel mounting hole
dimensions
3.1
+0.05
 0
2ר
2.8
+0.2
 0
Ø14.4 +0.05
 0
45°±30
′
Ø12.1
+0.1
 0
(Note 1) Use connectors with gold-plated contacts if the connectors will be
subjected to constant vibration.
(Note 2) Loose piece contacts are available in 100 piece packs. Reel
contacts are available as 10,000 piece reels.
(Note 1) Above figures show the arrangement
viewed from the panel surface. The
mating guide of flange type is located
on the top position.
(Note 2) The applicable panel thickness for the
flange type receptacle is 2.7mm max.,
since this type is mounted from the back
surface of the panel.
(Note 3) The applicable panel thickness for a hex
nut fastening type is 5mm max. and
1mm min.
Applicable connector
Part No.
HRS No.
RP13A-12RA-13PC(71)
113-0183-7 71
RP13A-12RA-13PA(71)
113-0202-0 71
RP13A-12RA-15PC(71)
113-0207-3 71
RP13A-12RA-15PA(71)
113-1002-6 71
RP13A-12RA-20PC(71)
113-0215-1 71
Applicable connector
Part No.
HRS No.
RP13A-12RB-13PA(71)
113-0203-2 71
5
RP13 Series
●Plastic Push-Pull Lock Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com