Electronic Components Datasheet Search
  English  ▼

X  

RP13 Datasheet(PDF) 7 Page - Hirose Electric

Part # RP13
Description  Plastic Push-Pull Lock Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP13 Datasheet(HTML) 7 Page - Hirose Electric

Back Button RP13 Datasheet HTML 3Page - Hirose Electric RP13 Datasheet HTML 4Page - Hirose Electric RP13 Datasheet HTML 5Page - Hirose Electric RP13 Datasheet HTML 6Page - Hirose Electric RP13 Datasheet HTML 7Page - Hirose Electric RP13 Datasheet HTML 8Page - Hirose Electric RP13 Datasheet HTML 9Page - Hirose Electric RP13 Datasheet HTML 10Page - Hirose Electric RP13 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
(Flange type)
Panel mounting hole dimensions (for anti-static type)
3.1
+0.1
0
2× φ2.8
+0.2
 0
Ø 14.4
+0.1
0
45
°±30
′
(Note 1) Above figures show the arrangement viewed from the panel surface. The mating guide of flange type is located on top
the position.
(Note 2) The applicable panel thickness for a flange type receptacle is maximum 4.7mm, as this type is mounted from the back
surface of the panel.
Dip post arrangement sizes for receptacles
Straight dip type
Right-angle, dip type
13 contacts
15 contacts
13
12
12
3
4
7
8
11
Ø0.6
(13 positions)
(15 positions)
15
13
3
4
2
1
14
5
8
9
12
Ø0.6
2.3
2.3
3.45
3.45
1.15
1.15
1.4
1.4
0.95
1.25
3.15
2.3
1.15
1.15
2.3
3.45
3.45
(Screw hole for mounting the connector)
Use a tapping screw for JIS B 1122 M3.
12
13
3
11
8
1
Use a tapping screw for JIS B 1122 M3.
(Screw hole for mounting the connector)
4
7
20
13
4
2
68
9
7
121410
15
13
5
171916
18
11
11
C.L
11
C.L
1.15
1.15
2.3
2.3
1.4
1.4
3.45
3.45
0.8
0.8
2.4
2.4
4
4
(20 positions)
Ø0.85
(13 positions)
Ø0.9
(Remarks) 1. The figures shown above for 13 and 15 contact positions are viewed from the receptacle mating end.
2. A machining tolerance of ±0.05 is recommended for the PCB layout dimensions.
(Remarks) 1. The figures shown above are viewed from the contact insertion end.
2. A machining tolerance of ±0.05mm is recommended for the PCB layout dimensions.
13 contacts
20 contacts
7
RP13 Series
●Plastic Push-Pull Lock Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com