Electronic Components Datasheet Search
  English  ▼

X  

RP13 Datasheet(PDF) 6 Page - Hirose Electric

Part # RP13
Description  Plastic Push-Pull Lock Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

RP13 Datasheet(HTML) 6 Page - Hirose Electric

Back Button RP13 Datasheet HTML 2Page - Hirose Electric RP13 Datasheet HTML 3Page - Hirose Electric RP13 Datasheet HTML 4Page - Hirose Electric RP13 Datasheet HTML 5Page - Hirose Electric RP13 Datasheet HTML 6Page - Hirose Electric RP13 Datasheet HTML 7Page - Hirose Electric RP13 Datasheet HTML 8Page - Hirose Electric RP13 Datasheet HTML 9Page - Hirose Electric RP13 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Plug
47.2
32
Part No.
HRS No.
No. of contacts
Weight
RP13A-12PA-13PC(71)
113-4003-5 71
13
6.0g
(Note) Cable clamping, cable rotation, and other forces may vary with the cable construction. Please make sure that your cable
is suitable for use with these connectors before usage and production.
(Representative example.)
RP13A-12PA-13PC(71)
RP13A anti-static type
Receptacle (flange type)
Press-fitted
metal flange
2×
Ø2.8 (hole)
(metal flange)
15
12
φ19
45
°
Part No.
HRS No.
No. of contacts
Weight
RP13A-12R-13SC(71)
113-4002-2 71
13
4.0g
(Remarks) See page 7 for details on mounting hole dimensions.
(Representative example.)
RP13A-12R-13SC(71)
(Crimp type)
Contact
(Male contact)
(Female contact)
Type
Part No.
HRS No.
BC
DE
Applicable
wire size
Loose
piece
contacts
RP19-PC-122 113-0268-8
1.2 1.35 12 1.18 24 to 30 AWG
Reel
contacts
RP19-PC-222 113-0264-7
Type
Part No.
HRS No.
BC
DE
Applicable
wire size
Loose
piece
contacts
RP19-SC-122 113-0270-0
1.2 1.35
11 1.18
24 to 30 AWG
Reel
contacts
RP19-SC-212 113-0265-0
1.6
2.1
18 to 22 AWG
RP19-SC-222 113-0266-2
1.2 1.35
24 to 30 AWG
A-A
A
A
C
D
A-A
A
A
C
D
(Note 1) Loose piece contacts are available in 100 piece packs. Reel contacts are available as 10,000 piece reels.
Only contact positions 12 and 13 can be used with 18 to 20 AWG wire.
Other contact positions numbers cannot be used with this wire gauge.
(Note 2) When crimping wires gauge 18 to 22 AWG, make sure that the outer insulation diameter is Ø1.79mm or less.
For wires gauges 24 to 30 AWG, use an outer insulation diameter of Ø1.15 or less.
6
RP13 Series
●Plastic Push-Pull Lock Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com