Electronic Components Datasheet Search
  English  ▼

X  

UP1965S Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP1965S
Description  Synchronous-Rectified Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1965S Datasheet(HTML) 2 Page - uPI Group Inc.

  UP1965S Datasheet HTML 1Page - uPI Group Inc. UP1965S Datasheet HTML 2Page - uPI Group Inc. UP1965S Datasheet HTML 3Page - uPI Group Inc. UP1965S Datasheet HTML 4Page - uPI Group Inc. UP1965S Datasheet HTML 5Page - uPI Group Inc. UP1965S Datasheet HTML 6Page - uPI Group Inc. UP1965S Datasheet HTML 7Page - uPI Group Inc. UP1965S Datasheet HTML 8Page - uPI Group Inc. UP1965S Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
uP1965S
2
uP1965S-DS-F0000, May. 2018
www.upi-semi.com
Typical Application Circuit
UGATE
BOOT
PHASE
GND
LGATE
PWM
EN
VCC
PWM
Input
5V
VIN
VOUT
RC
Snubber
Enable
Input
1
7
2
6
5
8
4
3
Functional Block Diagram
BOOT
VCC
UGATE
PHASE
EN
PWM
LGATE
GND
UVLO
Output
Disable
44K
44K
VCC
44K
Shoot-Through
Protection
Shoot-Through
Protection
Tri-State
Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com