Electronic Components Datasheet Search
  English  ▼

X  

UP1965S Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP1965S
Description  Synchronous-Rectified Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1965S Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP1965S Datasheet HTML 2Page - uPI Group Inc. UP1965S Datasheet HTML 3Page - uPI Group Inc. UP1965S Datasheet HTML 4Page - uPI Group Inc. UP1965S Datasheet HTML 5Page - uPI Group Inc. UP1965S Datasheet HTML 6Page - uPI Group Inc. UP1965S Datasheet HTML 7Page - uPI Group Inc. UP1965S Datasheet HTML 8Page - uPI Group Inc. UP1965S Datasheet HTML 9Page - uPI Group Inc. UP1965S Datasheet HTML 10Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
uP1965S
6
uP1965S-DS-F0000, May. 2018
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
t
u
p
n
I
y
l
p
p
u
S
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
V
0
=
N
E-
-0
10
2A
u
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
R
O
P
C
C
VV
H
T
R
C
C
V
C
C
g
n
i
s
i
R8
.
30
.
44
.
4V
s
i
s
e
r
e
t
s
y
H
R
O
P
C
C
VV
S
Y
H
C
C
-
-2
.
0-
-V
t
u
p
n
I
M
W
P
l
e
v
e
L
h
g
i
H
t
u
p
n
IM
W
P
H
9
.
2-
--
-V
l
e
v
e
L
w
o
L
t
u
p
n
IM
W
P
L
-
--
-4
.
0V
e
g
a
t
l
o
V
g
n
i
t
a
o
l
F
M
W
PM
W
P
T
L
F
-
-6
.
1-
-V
t
n
e
r
r
u
C
t
u
p
n
I
M
W
PI
M
W
P
V
0
=
M
W
P0
2
5
-0
0
3
-0
0
2
-A
u
V
3
.
3
=
M
W
P5
.
01
6
.
1A
m
V
5
=
M
W
P1
2
6
.
2A
m
e
m
i
T
f
f
O
-
d
l
o
H
n
w
o
d
t
u
h
S
e
t
a
t
S
-
s
i
r
T
0
70
3
10
2
2s
n
l
o
r
t
n
o
C
e
l
b
a
n
E
h
g
i
H
t
u
p
n
IN
E
H
2-
--
-V
w
o
L
t
u
p
n
IN
E
L
-
--
-6
.
0V
e
m
i
T
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
T
N
E
D
H
D
P
16
0
1s
u
T
N
E
D
L
D
P
-
--
-0
0
6s
n
e
d
o
i
D
p
a
r
t
s
t
o
o
B
e
g
a
t
l
o
V
d
r
a
w
r
o
F
-
-3
3
.
0-
-V
r
e
v
i
r
D
e
d
i
S
h
g
i
H
g
n
i
c
r
u
o
S
,
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
OR
C
R
S
_
H
V
T
O
O
B
V
-
E
S
A
H
P
I
,
V
5
=
E
T
A
G
U
A
m
0
8
-
=-
-7
.
04
.
1
Ω
g
n
i
k
n
i
S
,
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
OR
K
N
S
_
H
V
T
O
O
B
V
-
E
S
A
H
P
I
,
V
5
=
E
T
A
G
U
A
m
0
8
-
=-
-4
.
08
.
0
Ω
e
m
i
T
g
n
i
s
i
R
t
u
p
t
u
OT
E
T
A
G
U
R
V
T
O
O
B
V
-
E
S
A
H
P
C
,
V
5
=
D
A
O
L
F
n
3
=-
-0
2-
-s
n
e
m
i
T
g
n
il
l
a
F
t
u
p
t
u
OT
E
T
A
G
U
F
V
T
O
O
B
V
-
E
S
A
H
P
C
,
V
5
=
D
A
O
L
F
n
3
=-
-0
1-
-s
n
e
m
i
T
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
T
G
U
H
D
P
V
T
O
O
B
V
-
E
S
A
H
P
V
5
=-
-0
35
4s
n
T
G
U
L
D
P
V
T
O
O
B
V
-
E
S
A
H
P
V
5
=-
-0
20
3s
n
Electrical Characteristics
(VCC = 5V, T
A = 25
oC, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com