Electronic Components Datasheet Search
  English  ▼

X  

UP1965S Datasheet(PDF) 9 Page - uPI Group Inc.

Part # UP1965S
Description  Synchronous-Rectified Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1965S Datasheet(HTML) 9 Page - uPI Group Inc.

Back Button UP1965S Datasheet HTML 3Page - uPI Group Inc. UP1965S Datasheet HTML 4Page - uPI Group Inc. UP1965S Datasheet HTML 5Page - uPI Group Inc. UP1965S Datasheet HTML 6Page - uPI Group Inc. UP1965S Datasheet HTML 7Page - uPI Group Inc. UP1965S Datasheet HTML 8Page - uPI Group Inc. UP1965S Datasheet HTML 9Page - uPI Group Inc. UP1965S Datasheet HTML 10Page - uPI Group Inc. UP1965S Datasheet HTML 11Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
uP1965S
9
uP1965S-DS-F0000, May. 2018
www.upi-semi.com
UGATE (10V/Div)
PWM (5V/Div)
LGATE (5V/Div)
EN (5V/Div)
UGATE (10V/Div)
PWM (5V/Div)
LGATE (5V/Div)
EN (5V/Div)
UGATE (5V/Div)
PWM (2V/Div)
LGATE (2V/Div)
PHASE
(5V/Div)
UGATE-PHASE
(2V/Div)
Typical Operation Characteristics
Short Pulse
Time : 40ns/Div
V
IN =12V, VCC=5V,PWM=30ns,Converter Load = 0A,
MOSFET = QM3816*2ea
EN Go High Delay
Time : 20us/Div
V
IN =12V, VCC=5V,PWM=300kHz,D=5%,
MOSFET = QM3816*2ea
EN Go Low Delay
Time : 20us/Div
V
IN =12V, VCC=5V,PWM=300kHz,D=5%,
MOSFET = QM3816*2ea



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com