Electronic Components Datasheet Search
  English  ▼

X  

UP1965S Datasheet(PDF) 7 Page - uPI Group Inc.

Part # UP1965S
Description  Synchronous-Rectified Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1965S Datasheet(HTML) 7 Page - uPI Group Inc.

Back Button UP1965S Datasheet HTML 3Page - uPI Group Inc. UP1965S Datasheet HTML 4Page - uPI Group Inc. UP1965S Datasheet HTML 5Page - uPI Group Inc. UP1965S Datasheet HTML 6Page - uPI Group Inc. UP1965S Datasheet HTML 7Page - uPI Group Inc. UP1965S Datasheet HTML 8Page - uPI Group Inc. UP1965S Datasheet HTML 9Page - uPI Group Inc. UP1965S Datasheet HTML 10Page - uPI Group Inc. UP1965S Datasheet HTML 11Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
uP1965S
7
uP1965S-DS-F0000, May. 2018
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
r
e
v
i
r
D
e
d
i
S
w
o
L
g
n
i
c
r
u
o
S
,
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
OR
C
R
S
_
L
V
C
C
I
,
V
5
=
E
T
A
G
L
A
m
0
8
-
=-
-7
.
04
.
1
Ω
g
n
i
k
n
i
S
,
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
OR
K
N
S
_
L
V
C
C
I
,
V
5
=
E
T
A
G
L
A
m
0
8
-
=-
-3
.
07
.
0
Ω
e
m
i
T
g
n
i
s
i
R
t
u
p
t
u
OT
E
T
A
G
L
R
V
C
C
C
,
V
5
=
D
A
O
L
F
n
3
=-
-0
2-
-s
n
e
m
i
T
g
n
il
l
a
F
t
u
p
t
u
OT
E
T
A
G
L
F
V
C
C
C
,
V
5
=
D
A
O
L
F
n
3
=-
-0
1-
-s
n
e
m
i
T
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
T
G
L
H
D
P
V
C
C
V
5
=-
-0
35
4s
n
T
G
L
L
D
P
V
C
C
V
5
=-
-0
20
3s
n
Electrical Characteristics
EN
UGATE or
LGATE
TPDLDEN
TPDHDEN
90%
10%
PWM
TPDLLG
TPDHLG
TPDLUG
TPDHUG
TFLGATE
TRUGATE
TFUGATE
TRLGATE
LGATE
UGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com