Electronic Components Datasheet Search
  English  ▼

X  

UP1965S Datasheet(PDF) 3 Page - uPI Group Inc.

Part # UP1965S
Description  Synchronous-Rectified Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1965S Datasheet(HTML) 3 Page - uPI Group Inc.

  UP1965S Datasheet HTML 1Page - uPI Group Inc. UP1965S Datasheet HTML 2Page - uPI Group Inc. UP1965S Datasheet HTML 3Page - uPI Group Inc. UP1965S Datasheet HTML 4Page - uPI Group Inc. UP1965S Datasheet HTML 5Page - uPI Group Inc. UP1965S Datasheet HTML 6Page - uPI Group Inc. UP1965S Datasheet HTML 7Page - uPI Group Inc. UP1965S Datasheet HTML 8Page - uPI Group Inc. UP1965S Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
uP1965S
3
uP1965S-DS-F0000, May. 2018
www.upi-semi.com
.
o
N
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1T
O
O
B
.
y
l
p
p
u
S
p
a
r
t
s
t
o
o
B
p
a
r
t
s
t
o
o
b
e
h
t
t
c
e
n
n
o
C
.
r
e
v
i
r
d
e
t
a
g
r
e
p
p
u
g
n
i
t
a
o
l
f
e
h
t
r
o
F
C
r
o
t
i
c
a
p
a
c
T
O
O
B
.
t
i
u
c
r
i
c
p
a
r
t
s
t
o
o
b
a
m
r
o
f
o
t
n
i
p
E
S
A
H
P
e
h
t
d
n
a
n
i
p
T
O
O
B
n
e
e
w
t
e
b
e
k
a
M
.
T
E
F
S
O
M
r
e
p
p
u
e
h
t
n
o
n
r
u
t
o
t
e
g
r
a
h
c
e
h
t
s
e
d
i
v
o
r
p
r
o
t
i
c
a
p
a
c
p
a
r
t
s
t
o
o
b
e
h
T
C
t
a
h
t
e
r
u
s
T
O
O
B
.
C
I
e
h
t
r
a
e
n
d
e
c
a
l
p
s
i
2M
W
P
.
t
u
p
n
I
M
W
P
e
h
T
.
s
t
u
p
t
u
o
r
e
v
i
r
d
e
h
t
s
l
o
r
t
n
o
c
d
n
a
t
u
p
n
i
l
e
v
e
l
c
i
g
o
l
s
e
v
i
e
c
e
r
n
i
p
s
i
h
T
,
h
g
i
h
s
i
t
u
p
n
i
N
E
n
e
h
W
.
w
o
l
s
i
t
u
p
n
i
N
E
f
i
e
t
a
t
s
e
c
n
a
d
e
p
m
i
t
u
p
n
i
h
g
i
h
n
i
s
i
n
i
p
M
W
P
r
o
t
s
i
s
e
r
e
h
T
.
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
y
b
e
t
a
t
s
-
i
r
t
o
t
d
e
ll
u
p
e
b
ll
i
w
e
g
a
t
l
o
v
n
i
p
M
W
P
e
h
t
e
b
t
s
u
m
g
n
i
t
t
e
s
n
o
i
t
c
n
u
f
r
e
ll
o
r
t
n
o
c
M
W
P
r
o
f
D
N
G
o
t
n
i
p
M
W
P
m
o
r
f
d
e
t
c
e
n
n
o
c
k
5
1
n
a
h
t
r
e
t
a
e
r
g
Ω
.
3N
E
.
l
o
r
t
n
o
C
e
l
b
a
n
E
d
n
a
E
T
A
G
U
h
t
o
b
s
e
c
r
o
f
d
n
a
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
s
e
l
b
a
s
i
d
n
i
p
s
i
h
T
n
e
h
W
.
n
i
p
M
W
P
f
o
e
t
a
t
s
e
h
t
s
l
o
r
t
n
o
c
o
s
l
a
n
i
p
s
i
h
T
.
w
o
l
d
e
ll
u
p
s
i
t
i
n
e
h
w
f
f
o
E
T
A
G
L
o
n
s
i
e
r
e
h
T
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
t
u
p
n
i
-
h
g
i
h
n
i
s
i
n
i
p
M
W
P
e
h
t
,
w
o
l
d
e
ll
u
p
s
i
n
i
p
N
E
e
h
t
.
n
i
p
s
i
h
t
o
t
m
s
i
n
a
h
c
e
m
w
o
l
-
ll
u
p
r
o
p
u
-
ll
u
p
l
a
n
r
e
t
n
i
4C
C
V
.
C
I
e
h
t
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S
s
i
h
t
t
c
e
n
n
o
C
.
C
I
e
h
t
r
o
f
e
g
a
t
l
o
v
s
a
i
b
s
e
d
i
v
o
r
p
n
i
p
s
i
h
T
.
r
e
t
l
i
f
C
/
R
n
a
h
t
i
w
t
i
s
s
a
p
y
b
d
n
a
e
c
r
u
o
s
e
g
a
t
l
o
v
V
5
o
t
n
i
p
5E
T
A
G
L
.
t
u
p
t
u
O
r
e
v
i
r
D
e
t
a
G
r
e
w
o
L
s
i
h
T
.
T
E
F
S
O
M
r
e
w
o
l
f
o
e
t
a
g
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
e
h
t
n
e
h
w
e
n
i
m
r
e
t
e
d
o
t
y
r
t
i
u
c
r
i
c
n
o
i
t
c
e
t
o
r
p
h
g
u
o
r
h
t
-
t
o
o
h
s
e
h
t
y
b
d
e
r
o
t
i
n
o
m
s
i
n
i
p
.
f
f
o
d
e
n
r
u
t
n
e
e
b
s
a
h
T
E
F
S
O
M
r
e
w
o
l
6D
N
G
.
C
I
e
h
t
r
o
f
d
n
u
o
r
G
.
n
i
p
s
i
h
t
o
t
t
c
e
p
s
e
r
h
t
i
w
d
e
r
u
s
a
e
m
e
r
a
s
l
e
v
e
l
e
g
a
t
l
o
v
ll
A
7E
S
A
H
P
.
e
d
o
N
h
c
t
i
w
S
E
S
A
H
P
d
n
a
T
E
F
S
O
M
r
e
p
p
u
e
h
t
f
o
e
c
r
u
o
s
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
E
T
A
G
U
e
h
t
r
o
f
h
t
a
p
n
r
u
t
e
r
e
h
t
s
a
d
e
s
u
s
i
n
i
p
s
i
h
T
.
T
E
F
S
O
M
r
e
w
o
l
e
h
t
f
o
n
i
a
r
d
e
h
t
o
t
y
r
t
i
u
c
r
i
c
n
o
i
t
c
e
t
o
r
p
h
g
u
o
r
h
t
-
t
o
o
h
s
e
h
t
y
b
d
e
r
o
t
i
n
o
m
o
s
l
a
s
i
n
i
p
s
i
h
T
.
r
e
v
i
r
d
.
f
f
o
d
e
n
r
u
t
n
e
e
b
s
a
h
T
E
F
S
O
M
r
e
p
p
u
e
h
t
n
e
h
w
e
n
i
m
r
e
t
e
d
8E
T
A
G
U
.
t
u
p
t
u
O
r
e
v
i
r
D
e
t
a
G
r
e
p
p
U
s
i
h
T
.
T
E
F
S
O
M
r
e
p
p
u
f
o
e
t
a
g
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
e
h
t
n
e
h
w
e
n
i
m
r
e
t
e
d
o
t
y
r
t
i
u
c
r
i
c
n
o
i
t
c
e
t
o
r
p
h
g
u
o
r
h
t
-
t
o
o
h
s
e
h
t
y
b
d
e
r
o
t
i
n
o
m
s
i
n
i
p
.
f
f
o
d
e
n
r
u
t
n
e
e
b
s
a
h
T
E
F
S
O
M
r
e
p
p
u
d
a
P
d
e
s
o
p
x
EC
N
.
d
e
t
c
e
n
n
o
C
y
l
l
a
n
r
e
t
n
I
t
o
N
t
o
n
s
i
S
5
6
9
1
P
u
f
o
d
a
p
d
e
s
o
p
x
e
e
h
t
h
g
u
o
h
t
l
A
d
e
s
o
p
x
e
e
h
t
t
c
e
n
n
o
c
o
t
d
e
d
n
e
m
m
o
c
e
r
y
l
h
g
i
h
ll
i
t
s
s
i
t
I
.
D
N
G
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
c
i
r
t
c
e
l
e
.
n
o
i
t
a
p
i
s
s
i
d
t
a
e
h
m
u
m
i
x
a
m
r
o
f
e
n
a
l
p
D
N
G
o
t
d
a
p
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com