Electronic Components Datasheet Search
  English  ▼

X  

UP1965S Datasheet(PDF) 5 Page - uPI Group Inc.

Part # UP1965S
Description  Synchronous-Rectified Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1965S Datasheet(HTML) 5 Page - uPI Group Inc.

  UP1965S Datasheet HTML 1Page - uPI Group Inc. UP1965S Datasheet HTML 2Page - uPI Group Inc. UP1965S Datasheet HTML 3Page - uPI Group Inc. UP1965S Datasheet HTML 4Page - uPI Group Inc. UP1965S Datasheet HTML 5Page - uPI Group Inc. UP1965S Datasheet HTML 6Page - uPI Group Inc. UP1965S Datasheet HTML 7Page - uPI Group Inc. UP1965S Datasheet HTML 8Page - uPI Group Inc. UP1965S Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
uP1965S
5
uP1965S-DS-F0000, May. 2018
www.upi-semi.com
(Note 1)
Supply Input Voltage, VCC ------------------------------------------------------------------------------------------------------------- -0.3V to +6V
BOOT to PHASE --------------------------------------------------------------------------------------------------------------------------- -0.3V to +6V
PHASE to GND
DC ---------------------------------------------------------------------------------------------------------------------------------------- -0.7V to +30V
< 200ns ----------------------------------------------------------------------------------------------------------------------------------- -8V to +36V
BOOT to GND
DC ------------------------------------------------------------------------------------------------------------------------------- -0.3V to (VCC +36V)
< 200ns -------------------------------------------------------------------------------------------------------------------------------- -0.3V to +42V
UGATE to PHASE
DC -------------------------------------------------------------------------------------------------------------- -0.3V to (BOOT - PHASE +0.3V)
< 200ns --------------------------------------------------------------------------------------------------------- -5V to (BOOT - PHASE +0.3V)
LGATE to GND
DC ------------------------------------------------------------------------------------------------------------------------------- -0.3V to (VCC +0.3V)
< 200ns -------------------------------------------------------------------------------------------------------------------------- -5V to (VCC +0.3V)
PWM -------------------------------------------------------------------------------------------------------------------------------------------- -0.3V to +6V
EN --------------------------------------------------------------------------------------------------------------------------------------- -0.3V to (VCC +0.3V)
Storage Temperature Range ------------------------------------------------------------------------------------------------------------ -65oC to +150oC
Junction Temperature ------------------------------------------------------------------------------------------------------------------------------------ 150oC
Lead Temperature (Soldering, 10 sec) ------------------------------------------------------------------------------------------------------------ 260oC
ESD Rating (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------------------------------- 2kV
CDM (ChargedDevice Mode) ----------------------------------------------------------------------------------------------------------------- 500V
Package Thermal Resistance (Note 3)
WDFN2x2 - 8L θ
JA --------------------------------------------------------------------------------------------------------------------- 155
oC/W
WDFN2x2 - 8L θ
JC ----------------------------------------------------------------------------------------------------------------------- 20
oC/W
Power Dissipation, P
D @ TA = 25
oC
WDFN2x2 - 8L ------------------------------------------------------------------------------------------------------------------------------------- 0.65W
(Note 4)
Operating Junction Temperature Range ------------------------------------------------------------------------------- -40oC to +125oC
Operating Ambient Temperature Range -------------------------------------------------------------------------------- -40oC to +85oC
Supply Input Voltage, V
CC --------------------------------------------------------------------------------------------------------------- 4.5V to 5.5V
Power Stage Input Voltage, V
IN ------------------------------------------------------------------------------------------------------- 4.5V to 28V
Note 1. Stresses listed as the above Absolute Maximum Ratings may cause permanent damage to the device. These
are for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. θ
JA is measured in the natural convection at TA = 25
oC on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.
Absolute Maximum Rating
Thermal Information
Recommended Operation Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com