Electronic Components Datasheet Search
  English  ▼

X  

UP1965S Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP1965S
Description  Synchronous-Rectified Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1965S Datasheet(HTML) 1 Page - uPI Group Inc.

  UP1965S Datasheet HTML 1Page - uPI Group Inc. UP1965S Datasheet HTML 2Page - uPI Group Inc. UP1965S Datasheet HTML 3Page - uPI Group Inc. UP1965S Datasheet HTML 4Page - uPI Group Inc. UP1965S Datasheet HTML 5Page - uPI Group Inc. UP1965S Datasheet HTML 6Page - uPI Group Inc. UP1965S Datasheet HTML 7Page - uPI Group Inc. UP1965S Datasheet HTML 8Page - uPI Group Inc. UP1965S Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
uP1965S
1
uP1965S-DS-F0000, May. 2018
www.upi-semi.com
5V MOSFET Driver with Output Disable for Single Phase
Synchronous-Rectified Buck Converter
Single 5V Driving Voltage Output
Integrated Bootstrap Diode
Integrated Gate-to-Source Discharge Resistors
Enable/Disable Control
Allow PWM Pin as Multi-Function Setting
Application
Three PWM Input States: High, Low and Tri-State
Tri-State Input for Bridge Shutdown
Anti-Shoot-Through Protection Circuitry
Under Voltage Lockout for Supply Input
WDFN2x2-8L Package
RoHS Compliant and Halogen Free
r
e
b
m
u
N
r
e
d
r
Oe
g
a
k
c
a
Pg
n
i
k
r
a
M
p
o
T
8
N
D
S
5
6
9
1
P
uL
8
-
2
x
2
N
F
D
WF
H
General Description
Applications
Ordering Information
Features
Note:
(1) Please check the sample/production availability with
uPI representatives.
(2) uPI products are compatible with the current IPC/
JEDEC J-STD-020 requirements. They are halogen-free,
RoHS compliant and 100% matte tin (Sn) plating that are
suitable for use in SnPb or Pb-free soldering processes.
The uP1965S is 5V MOSFET driver optimized for driving
two N-channel MOSFETs in a synchronous rectified buck
converter for mobile computing application. This part has
integrated bootstrap diode to eliminate external component
count. The resistor commonly placed between MOSFET
gate and source for discharge is also integrated, making
external component minimal. This device combined with
uPI multi-phase buck PWM controller forms a complete
core voltage regulator for advanced microprocessors.
The uP1965S supports enable/disable function that reduces
the power consumption to prolong battery life. Both gate
drives are turned off by pulling low EN pin or high-impedance
at PWM pin, preventing rapid output capacitor discharge
during system shutdown. This device also supports three
PWM input states that along with PWM controller to provide
a complete power solution.
The uP1965S implements anti-shoot-through protection
that prevents cross-conduction of the external MOSFET
while maintains minimum deadtime for optimized efficiency.
This device also supports supply input under voltage
lockout. The uP1965S is available in thermally enhanced
WDFN2x2-8L package.
Desktop/Laptop
CPU/GPU
Core
Voltage
Regulators
High Frequency Low Profile DC/DC Converter
High Current Low Voltage DC/DC Converter
Pin Configuration
8
PHASE
UGATE
GND
PWM
LGATE
BOOT
EN
VCC
NC
7
6
5
1
2
3
4


Similar Part No. - UP1965S

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1961S UPI-UP1961S Datasheet
214Kb / 12P
Dual-Phase MOSFET Drivers DCR current sensing with Phase Extension
UP1961SQDD UPI-UP1961SQDD Datasheet
214Kb / 12P
Dual-Phase MOSFET Drivers DCR current sensing with Phase Extension
UP1962 UPI-UP1962 Datasheet
240Kb / 14P
Single Phase -Rectified Buck Converter
UP1962PDN8 UPI-UP1962PDN8 Datasheet
240Kb / 14P
Single Phase -Rectified Buck Converter
UP1962QDN8 UPI-UP1962QDN8 Datasheet
240Kb / 14P
Single Phase -Rectified Buck Converter
More results

Similar Description - UP1965S

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
logo
uPI Group Inc.
UP1727R UPI-UP1727R Datasheet
128Kb / 10P
High-Efficiency Synchronous-Rectified Buck Converter
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
High-Efficiency Synchronous-Rectified Buck Converter
UP1951 UPI-UP1951 Datasheet
210Kb / 10P
Multiple Phase Synchronous-Rectified Buck Converter
UP1952-MD UPI-UP1952-MD Datasheet
193Kb / 11P
Single Phase Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
Synchronous-Rectified Buck Converter
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com