Electronic Components Datasheet Search
  English  ▼

X  

MP26124 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP26124
Description  24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26124 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP26124 Datasheet HTML 1Page - Monolithic Power Systems MP26124 Datasheet HTML 2Page - Monolithic Power Systems MP26124 Datasheet HTML 3Page - Monolithic Power Systems MP26124 Datasheet HTML 4Page - Monolithic Power Systems MP26124 Datasheet HTML 5Page - Monolithic Power Systems MP26124 Datasheet HTML 6Page - Monolithic Power Systems MP26124 Datasheet HTML 7Page - Monolithic Power Systems MP26124 Datasheet HTML 8Page - Monolithic Power Systems MP26124 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP26124
–24V INPUT, 2A, 600kHz, 4S SWITCHING LI-ION BATTERY CHARGER
MP26124 Rev. 1.0
www.MonolithicPower.com
3
10/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VCC, VIN) ..........................28V
VSW ................................... -0.3V to (VIN + 0.3V)
VBST .....................................................VSW + 6V
VCSP, VBATT ................................... -0.3V to +20V
VACOK, VCHGOK ............................... -0.3V to +28V
All other pins.................................. -0.3V to +6V
Continuous power dissipation (TA = 25°C)
(2)
..................................................................2.7W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +150°C
Recommended Operating Conditions
(3)
Supply voltage (VIN)........................ 18V to 24V
Maximum junction temp. (TJ) ................... 125°C
Thermal Resistance
(4)
θJA
θJC
QFN-16 (4mmx4mm) ............ 46....... 10 ... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any
ambient
temperature
is
calculated
by
PD(MAX)=(TJ(MAX)-TA)/θJA.
Exceeding
the
maximum
allowable power dissipation produces an excessive die
temperature, causing the regulator to go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com