Electronic Components Datasheet Search
  English  ▼

X  

MP26124 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP26124
Description  24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26124 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP26124 Datasheet HTML 1Page - Monolithic Power Systems MP26124 Datasheet HTML 2Page - Monolithic Power Systems MP26124 Datasheet HTML 3Page - Monolithic Power Systems MP26124 Datasheet HTML 4Page - Monolithic Power Systems MP26124 Datasheet HTML 5Page - Monolithic Power Systems MP26124 Datasheet HTML 6Page - Monolithic Power Systems MP26124 Datasheet HTML 7Page - Monolithic Power Systems MP26124 Datasheet HTML 8Page - Monolithic Power Systems MP26124 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP26124
–24V INPUT, 2A, 600kHz, 4S SWITCHING LI-ION BATTERY CHARGER
MP26124 Rev. 1.0
www.MonolithicPower.com
4
10/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Terminal battery voltage
VBATT
16.67
16.8
16.93
V
CSP, BATT current
ICSP, IBATT
Charging disabled
1
µA
Switch on resistance
RDS(ON)
200
m
Ω
Switch leakage
EN = 4V, VSW = 0V
0
1
μA
Peak current limit
CC (5)
4.1
A
TRICKLE
2
A
CC current
ICC
RS1 =
100mΩ
1900
2100
2300
mA
Trickle charge current
ITRICKLE
10%
ICC
Trickle charge voltage
threshold
VTC
12.0
V
Trickle charge hysteresis
1400
mV
Termination current threshold
IBF
5%
10%
15%
ICC
Oscillator frequency
fSW
VBATT = 14V
600
kHz
Fold-back frequency
VBATT = 0V
190
kHz
Maximum duty cycle
90
%
Maximum current sense
voltage (CSP to BATT)
VSENSE
180
210
240
mV
Minimum on time (5)
tON
100
ns
Under-voltage lockout
threshold rising
3.05
3.25
3.45
V
Under-voltage lockout
threshold hysteresis
300
mV
Open-drain sink current
VDRAIN = 0.3V
5
mA
Dead battery indicator
In trickle mode, CTMR = 0.1
μF
30
min
Recharge threshold at VBATT
VRECHG
16.0
V
Recharge hysteresis
400
mV
NTC low-temp rising threshold
VTL
As a percentage of VREF33
64.2
65.2
66.2
%
NTC high-temp falling
threshold
VTH
As a percentage of VREF33
34
35
36
%
VIN min head room (reverse
blocking)
VIN - VBATT
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com