Electronic Components Datasheet Search
  English  ▼

X  

MP26124 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP26124
Description  24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26124 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP26124 Datasheet HTML 2Page - Monolithic Power Systems MP26124 Datasheet HTML 3Page - Monolithic Power Systems MP26124 Datasheet HTML 4Page - Monolithic Power Systems MP26124 Datasheet HTML 5Page - Monolithic Power Systems MP26124 Datasheet HTML 6Page - Monolithic Power Systems MP26124 Datasheet HTML 7Page - Monolithic Power Systems MP26124 Datasheet HTML 8Page - Monolithic Power Systems MP26124 Datasheet HTML 9Page - Monolithic Power Systems MP26124 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MP26124
–24V INPUT, 2A, 600kHz, 4S SWITCHING LI-ION BATTERY CHARGER
MP26124 Rev. 1.0
www.MonolithicPower.com
6
10/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 18V, C1 = 4.7
μF, C2 = 22μF, L = 10μH, RS1 = 200mΩ, real/simulation battery load, TA = 25°C,
unless otherwise noted.
4-Cell Charge Current vs. Battery
Voltage
Battery simulator
Efficiency vs. ICHG
4 cells, VBATT = 16.4V
0
0.2
0.4
0.6
0.8
1
1.2
0
5
10
15
20
BATTERY VOLTAGE(V)
80%
85%
90%
95%
100%
0
0.2
0.4
0.6
0.8
1
ICHG(A)
Efficiency vs. VIN
4 cells, VBATT = 14.8V
NTC Control Window
90%
92%
94%
96%
18
20
22
24
VIN(V)
0
0.5
1
1.5
2
2.5
18
20
22
24
VIN(V)
High Temp On
High Temp Off
Low Temp On
Low Temp Off
Battery Leakage Current vs. VBATT
BATT Full Voltage vs. VIN
0
2
4
6
8
10
0
4
8
12
16
20
VBATT(V)
16.5
16.6
16.7
16.8
18
20
22
24
VIN(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com