Electronic Components Datasheet Search
  English  ▼

X  

MP26124 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP26124
Description  24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26124 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP26124 Datasheet HTML 6Page - Monolithic Power Systems MP26124 Datasheet HTML 7Page - Monolithic Power Systems MP26124 Datasheet HTML 8Page - Monolithic Power Systems MP26124 Datasheet HTML 9Page - Monolithic Power Systems MP26124 Datasheet HTML 10Page - Monolithic Power Systems MP26124 Datasheet HTML 11Page - Monolithic Power Systems MP26124 Datasheet HTML 12Page - Monolithic Power Systems MP26124 Datasheet HTML 13Page - Monolithic Power Systems MP26124 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP26124
–24V INPUT, 2A, 600kHz, 4S SWITCHING LI-ION BATTERY CHARGER
MP26124 Rev. 1.0
www.MonolithicPower.com
10
10/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VCC
IC supply voltage.
2
NTC
Thermistor input. Connect a resistor from NTC to VREF33. Connect the thermistor
from NTC to ground.
3
ACOK
Valid input supply indicator. ACOK is an open-drain output. Add a pull-up resistor to
ACOK . Logic low indicates the presence of a valid input supply.
4
CHGOK
Charging status indicator. CHGOK is an open-drain output. Add a pull-up resistor to
CHGOK . Logic low indicates normal charging. Logic high indicates either a completed
charge process or suspended process due to a fault.
5
VREF33
Internal linear regulator, 3.3V reference output. Bypass VREF33 to GND with a 1
μF
ceramic capacitor.
6
EN
On/off control input.
7
SGND
Definition. Connect SGND to the GND plane.
8
COMPV
V-LOOP compensation. Decouple COMPV with a capacitor and a resistor.
9
COMPI
I-LOOP compensation. Decouple COMPI with a capacitor and a resistor.
10
BATT
Positive battery terminal.
11
CSP
Battery charge current sense positive input. Connect a resistor (RS1) between CSP
and BATT. The full charge current is:
 
 
m
Ω
RS1
200mV
A
I
CHG
.
12
GND
Ground. GND is the voltage reference for the regulated output voltage. This node
should be placed outside of the switching diode (D2) to the input ground path to prevent
switching current spikes from inducing voltage noise into the part.
13
TMR
Safe timer period. A 0.1µA current charges and discharges the external capacitor
decoupled to GND. The capacitor value programs the timer period.
14
BST
Bootstrap. A charged capacitor is required to
drive the power switch’s gate above the
supply voltage. Connect a capacitor between SW and BST to form a floating supply
across the power switch driver.
15
SW
Switch output.
16
VIN
Input voltage. The MP26124 regulates an up to 24V input to a voltage suitable for
charging a 4-series Li-ion battery pack. Capacitors are required to prevent large voltage
spikes from appearing at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com