Electronic Components Datasheet Search
  English  ▼

X  

MP26124 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP26124
Description  24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26124 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP26124 Datasheet HTML 7Page - Monolithic Power Systems MP26124 Datasheet HTML 8Page - Monolithic Power Systems MP26124 Datasheet HTML 9Page - Monolithic Power Systems MP26124 Datasheet HTML 10Page - Monolithic Power Systems MP26124 Datasheet HTML 11Page - Monolithic Power Systems MP26124 Datasheet HTML 12Page - Monolithic Power Systems MP26124 Datasheet HTML 13Page - Monolithic Power Systems MP26124 Datasheet HTML 14Page - Monolithic Power Systems MP26124 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP26124
–24V INPUT, 2A, 600kHz, 4S SWITCHING LI-ION BATTERY CHARGER
MP26124 Rev. 1.0
www.MonolithicPower.com
11
10/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Charge Control
Logic
Timer
PRE_REGS
600kHz
OSC
VREF
LDO
Regulator
Drive
A1
Current Sense
CTRL
Charge
Current Sense
PWM
Comparator
Current Limit
Comparator
S
R
R
Q
BST
SW
CSP
A2
BATT
0.12V
or 1.2V
GMI
GMV
3 bit trim
5 bit trim
EN
VREF33
NTC
FB
VBATT
CTRL
TMR
0.12V
ACOK
CHGOK
FB
FB
GND
VIN
COMPI
COMPV
Max Trickle Time
Max Charge Time
Max Reflesh Time
ACOK
1.2V
4V
2.8V
VIN
BATT+300mV
TC/CC
Charge Comparator
Recharge Comparator
BF
Comparator
M1
COMP
x6
Charge
Current Sense
IREF
RS1
L
4 cells
battery
SGND
Mini Refresh
VCC
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com