Electronic Components Datasheet Search
  English  ▼

X  

MP26124 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP26124
Description  24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26124 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP26124 Datasheet HTML 1Page - Monolithic Power Systems MP26124 Datasheet HTML 2Page - Monolithic Power Systems MP26124 Datasheet HTML 3Page - Monolithic Power Systems MP26124 Datasheet HTML 4Page - Monolithic Power Systems MP26124 Datasheet HTML 5Page - Monolithic Power Systems MP26124 Datasheet HTML 6Page - Monolithic Power Systems MP26124 Datasheet HTML 7Page - Monolithic Power Systems MP26124 Datasheet HTML 8Page - Monolithic Power Systems MP26124 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP26124
–24V INPUT, 2A, 600kHz, 4S SWITCHING LI-ION BATTERY CHARGER
MP26124 Rev. 1.0
www.MonolithicPower.com
5
10/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 24V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
EN input low voltage
0.4
V
EN input high voltage
1.8
V
EN input current
EN = 4V
4
μA
EN = 0V
0.2
Supply current (shutdown)
EN = 4V
0.5
mA
EN = 4V, considering the
VREF33 output current,
R3 = 10k
Ω, RNTC = 10kΩ
0.665
mA
Supply current (quiescent)
EN = 0V
2.0
mA
Thermal shutdown (5)
150
°C
VREF33 output voltage
3.3
V
VREF33 load regulation
ILOAD = 0 to 10mA
35
mV
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com