Electronic Components Datasheet Search
  English  ▼

X  

MP26124 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP26124
Description  24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26124 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP26124 Datasheet HTML 1Page - Monolithic Power Systems MP26124 Datasheet HTML 2Page - Monolithic Power Systems MP26124 Datasheet HTML 3Page - Monolithic Power Systems MP26124 Datasheet HTML 4Page - Monolithic Power Systems MP26124 Datasheet HTML 5Page - Monolithic Power Systems MP26124 Datasheet HTML 6Page - Monolithic Power Systems MP26124 Datasheet HTML 7Page - Monolithic Power Systems MP26124 Datasheet HTML 8Page - Monolithic Power Systems MP26124 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP26124
24V Input, 2A, 600kHz,
4S Cell Switching Li-Ion Battery Charger
MP26124 Rev. 1.0
www.MonolithicPower.com
1
10/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP26124 is a monolithic, DC/DC, step-
down, switching charger for 4-series cell Li-ion
battery packs. The MP26124 has an integrated
high-side power MOSFET that can output a
charge current up to 2A and also has peak-
current-mode control for fast loop response and
easy compensation.
The MP26124 uses a sense resistor to control a
programmable charge current and regulates the
charge current and charge voltage accurately
using two control loops.
The MP26124 has multiple fault condition
protections
including
cycle-by-cycle
current
limiting and thermal shutdown. Other safety
features include battery temperature monitoring
and protection, charge status indication, and a
programmable timer to stop the charging cycle
when the timer expires.
The MP26124 requires a minimal number of
readily available external components and is
available in a QFN-16 (4mmx4mm) package.
FEATURES
 Charge 4S Cell Li-Ion Battery Packs
 Up to 24V Operation Voltage
 Programmable Charging Current up to 2A
 ±0.75% V
BATT Accuracy
 0.2Ω Integrated Power MOSFET
 Up to 90% Efficiency
 Fixed 600kHz Frequency
 Preconditioning for Fully Depleted Batteries
 Charging Status Indicator
 Input Supply Fault Indicator
 Thermal Shutdown
 Cycle-by-Cycle Over-Current Protection
(OCP)
 Battery Temperature Monitor and Protection
 Available in a QFN-16 (4mmx4mm)
Package
APPLICATIONS
 Clean Robots
 Drones
 Chargers for 4S Cell Li-Ion Batteries
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
L
RS1
VIN
VREF33
VCC
SGND
CHGOK
ACOK
NTC
EN
COMPV
COMPI
GND
TMR
BATT
CSP
BST
SW
OFF
ON
C2
10μF
C3
1μF
C4
2.2nF
C5
4.7nF
C6
0.1μF
C7
0.1μF
R1 R2
R3
10k
Ω
10kΩ
R42.5kΩ
R5
750
Ω
10μH
200m
Ω
D1
C1
4.7μF
RNTC
VIN
4S
Battery
D2
18V to 24V
MP26124


Similar Part No. - MP26124

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26124GR MPS-MP26124GR Datasheet
167Kb / 5P
4-Cell, 24V Input, 600kHz, Switching Li-Ion Battery Charger EV Board
11/8/2018 Rev. 1.2
More results

Similar Description - MP26124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
MP2618 MPS-MP2618 Datasheet
616Kb / 19P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26123 MPS-MP26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
logo
Monolithic Power System...
MP2619 MPS-MP2619 Datasheet
502Kb / 20P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com