Electronic Components Datasheet Search
  English  ▼

X  

MP26124 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP26124
Description  24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26124 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP26124 Datasheet HTML 4Page - Monolithic Power Systems MP26124 Datasheet HTML 5Page - Monolithic Power Systems MP26124 Datasheet HTML 6Page - Monolithic Power Systems MP26124 Datasheet HTML 7Page - Monolithic Power Systems MP26124 Datasheet HTML 8Page - Monolithic Power Systems MP26124 Datasheet HTML 9Page - Monolithic Power Systems MP26124 Datasheet HTML 10Page - Monolithic Power Systems MP26124 Datasheet HTML 11Page - Monolithic Power Systems MP26124 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MP26124
–24V INPUT, 2A, 600kHz, 4S SWITCHING LI-ION BATTERY CHARGER
MP26124 Rev. 1.0
www.MonolithicPower.com
8
10/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 18V, C1 = 4.7μF, C2 = 22μF, L = 10μH, RS1 = 200
mΩ, real/simulation battery load, TA = 25°C,
unless otherwise noted.
Steady State
Trickle charge, 4 cells, VBATT = 10V
Steady State
CC charge, 4 cells, VBATT = 14.4V
CH1: VIN
5V/div.
CH2: VBATT
5V/div.
CH4: IL
500mA/div.
CH3: VSW
10V/div.
CH1: VIN
5V/div.
CH2: VBATT
5V/div.
CH4: IL
500mA/div.
CH3: VSW
10V/div.
1µs/div.
1µs/div.
Steady State
CV charge, 4 cells, VBATT = 16.6V
Power On
4 cells, ICHG = 1A, VBATT = 13.2V
CH1: VIN
5V/div.
CH2: VBATT
5V/div.
CH4: IL
500mA/div.
CH3: VSW
10V/div.
CH2: VBATT
5V/div.
CH1: VIN
5V/div.
CH4: IBATT
500mA/div.
CH3: VSW
10V/div.
1µs/div.
4ms/div.
Power Off
4 cells, ICHG = 1A, VBATT = 13.2V
EN On
4 cells, ICHG = 1A, VBATT = 13.2V
CH1: VIN
5V/div.
CH2: VBATT
5V/div.
CH4: IBATT
500mA/div.
CH3: VSW
10V/div.
CH1: VEN
2V/div.
CH2: VBATT
5V/div.
CH4: IBATT
500mA/div.
CH3: VSW
10V/div.
10ms/div.
10ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com