Electronic Components Datasheet Search
  English  ▼

X  

ADV7310 Datasheet(PDF) 35 Page - Analog Devices

Part # ADV7310
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV7310 Datasheet HTML 31Page - Analog Devices ADV7310 Datasheet HTML 32Page - Analog Devices ADV7310 Datasheet HTML 33Page - Analog Devices ADV7310 Datasheet HTML 34Page - Analog Devices ADV7310 Datasheet HTML 35Page - Analog Devices ADV7310 Datasheet HTML 36Page - Analog Devices ADV7310 Datasheet HTML 37Page - Analog Devices ADV7310 Datasheet HTML 38Page - Analog Devices ADV7310 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
REV. A
ADV7310/ADV7311
–35–
HD TIMING RESET
A timing reset is achieved by toggling the HD timing reset control
bit [Subaddress 14h, Bit 0] from 0 to 1. In this state the horizontal
and vertical counters will remain reset. When this bit is set back
to 0, the internal counters will commence counting again.
The minimum time the pin has to be held high is one clock
cycle; otherwise, this reset signal might not be recognized. This
timing reset applies to the HD timing counters only.
Table V. Async Timing Mode Truth Table
Reference
P_HSYNC
P_VSYNC
P_BLANK*
Reference
in Figure 29
1
→ 0
0
0 or 1
50% point of falling edge of trilevel horizontal sync signal
a
00
→ 1
0 or 1
25% point of rising edge of trilevel horizontal sync signal
b
0
→ 1
0 or 1
0
50% point of falling edge of trilevel horizontal sync signal
c
10 or 1
0
→ 1
50% start of active video
d
10 or 1
1
→ 0
50% end of active video
e
*When async timing mode is enabled, P_BLANK, Pin 25, becomes an active high input. P_BLANK is set to active low at Address 10h, Bit 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com