Electronic Components Datasheet Search
  English  ▼

X  

ADV7310 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7310
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310 Datasheet(HTML) 1 Page - Analog Devices

  ADV7310 Datasheet HTML 1Page - Analog Devices ADV7310 Datasheet HTML 2Page - Analog Devices ADV7310 Datasheet HTML 3Page - Analog Devices ADV7310 Datasheet HTML 4Page - Analog Devices ADV7310 Datasheet HTML 5Page - Analog Devices ADV7310 Datasheet HTML 6Page - Analog Devices ADV7310 Datasheet HTML 7Page - Analog Devices ADV7310 Datasheet HTML 8Page - Analog Devices ADV7310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
REV. A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADV7310/ADV7311
Multiformat 216 MHz
Video Encoder with Six NSV™ 12-Bit DACs
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
High Definition Input Formats
8-/10-, 16-/20-, 24-/30-Bit (4:2:2, 4:4:4) Parallel YCrCb
Compliant with:
SMPTE 293M (525p)
BTA T-1004 EDTV2 (525p)
ITU-R BT.1358 (625p/525p)
ITU-R BT.1362 (625p/525p)
SMPTE 274M (1080i) at 30 Hz and 25 Hz
SMPTE 296M (720p)
RGB in 3 10-Bit 4:4:4 Input Format
HDTV RGB Supported:
RGB, RGBHV
Other High Definition Formats Using Async
Timing Mode
High Definition Output Formats
YPrPb Progressive Scan (EIA-770.1, EIA-770.2)
YPrPb HDTV (EIA 770.3)
RGB, RGBHV
CGMS-A (720p/1080i)
Macrovision Rev 1.1 (525p/625p)*
CGMS-A (525p)
Standard Definition Input Formats
CCIR-656 4:2:2 8-/10-/16-/20-Bit Parallel Input
Standard Definition Output Formats
Composite NTSC M/N
Composite PAL M/N/B/D/G/H/I, PAL-60
SMPTE 170M NTSC Compatible Composite Video
ITU-R BT.470 PAL Compatible Composite Video
S-Video (Y/C)
EuroScart RGB
Component YPrPb (Betacam, MII, SMPTE/EBU N10)
Macrovision Rev 7.1.L1*
CGMS/WSS
Closed Captioning
GENERAL FEATURES
Simultaneous SD and HD Inputs and Outputs
Oversampling up to 216 MHz
Programmable DAC Gain Control
Sync Outputs in All Modes
On-Board Voltage Reference
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
CLKIN_A
CLKIN_B
HSYNC
VSYNC
BLANK
Y9–Y0
C9–C0
S9–S0
TIMING
GENERATOR
PLL
O
V
E
R
S
A
M
P
L
I
N
G
I2C
INTERFACE
D
E
M
U
X
STANDARD DEFINITION
CONTROL BLOCK
COLOR CONTROL
BRIGHTNESS
DNR
GAMMA
PROGRAMMABLE FILTERS
SD TEST PATTERN
HIGH DEFINITION
CONTROL BLOCK
HD TEST PATTERN
COLOR CONTROL
ADAPTIVE FILTER CTRL
SHARPNESS FILTER
PROGRAMMABLE
RGB MATRIX
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
ADV7310/
ADV7311
GENERAL DESCRIPTION
The ADV
®7310/ADV7311 is a high speed, digital-to-analog
encoder on a single monolithic chip. It includes six high speed
NSV video D/A converters with TTL compatible inputs.
The ADV7310/ADV7311 has separate 8-/10-/16-/20-bit input
ports that accept data in high definition and/or standard definition
video format. For all standards, external horizontal, vertical,
and blanking signals or EAV/SAV timing codes control the
insertion of appropriate synchronization signals into the digi-
tal data stream and therefore the output signal.
Six 12-Bit NSV Precision Video DACs
2-Wire Serial I2C® Interface
Dual I/O Supply 2.5 V/3.3 V Operation
Analog and Digital Supply 2.5 V
On-Board PLL
64-Lead LQFP Package
Lead (Pb) Free Product
APPLICATIONS
High End DVD
High End PS DVD Recorders/Players
SD/Prog Scan/HDTV Display Devices
SD/HDTV Set Top Boxes
Professional Video Systems
*ADV7310 Only
Purchase of licensed I2C components of Analog Devices or one of its
sublicensed Associated Companies conveys a license for the purchaser under
the Philips I2C Patent Rights to use these components in an I2C system,
provided that the system conforms to the I2C Standard Specification as
defined by Philips.


Similar Part No. - ADV7310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results

Similar Description - ADV7310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV.0
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
10/04-Revision 0
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
11/04-Revision 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com