Electronic Components Datasheet Search
  English  ▼

X  

ADV7310 Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7310
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7310 Datasheet HTML 24Page - Analog Devices ADV7310 Datasheet HTML 25Page - Analog Devices ADV7310 Datasheet HTML 26Page - Analog Devices ADV7310 Datasheet HTML 27Page - Analog Devices ADV7310 Datasheet HTML 28Page - Analog Devices ADV7310 Datasheet HTML 29Page - Analog Devices ADV7310 Datasheet HTML 30Page - Analog Devices ADV7310 Datasheet HTML 31Page - Analog Devices ADV7310 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
REV. A
–28–
ADV7310/ADV7311
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
65h
SD DNR 2
DNR Input Select
0
0
1
Filter A
00h
0
10
Filter B
0
11
Filter C
1
0
0
Filter D
DNR Mode
0
DNR mode
1
DNR sharpness mode
DNR Block Offset
0
0
0
0
0 pixel offset
000
11 pixel offset
………
…
…
111
0
14 pixel offset
111
1
15 pixel offset
66h
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A0
00h
67h
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A1
00h
68h
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A2
00h
69h
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A3
00h
6Ah
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A4
00h
6Bh
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A5
00h
6Ch
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A6
00h
6Dh
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A7
00h
6Eh
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A8
00h
6Fh
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A9
00h
70h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B0
00h
71h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B1
00h
72h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B2
00h
73h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B3
00h
74h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B4
00h
75h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B5
00h
76h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B6
00h
77h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B7
00h
78h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B8
00h
79h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B9
00h
7Ah
SD Brightness
Detect
SD Brightness Value
x
x
x
x
x
x
x
x
Read only
7Bh
Field Count
x
xx
Read only
Reserved
0
0 must be written to this bit
Reserved
0
0 must be written to this bit
Reserved
0
0 must be written to this bit
Revision Code
x
x
Read only
7Ch
10-Bit Input
0
0
0
0
0
0
1
0
Must write this for 10-bit data
input (SD, PS, HD)
00h
Field Count
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com