Electronic Components Datasheet Search
  English  ▼

X  

ADV7310 Datasheet(PDF) 14 Page - Analog Devices

Part # ADV7310
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV7310 Datasheet HTML 10Page - Analog Devices ADV7310 Datasheet HTML 11Page - Analog Devices ADV7310 Datasheet HTML 12Page - Analog Devices ADV7310 Datasheet HTML 13Page - Analog Devices ADV7310 Datasheet HTML 14Page - Analog Devices ADV7310 Datasheet HTML 15Page - Analog Devices ADV7310 Datasheet HTML 16Page - Analog Devices ADV7310 Datasheet HTML 17Page - Analog Devices ADV7310 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
REV. A
–14–
ADV7310/ADV7311
ABSOLUTE MAXIMUM RATINGS
*
VAA to AGND . . . . . . . . . . . . . . . . . . . . . . . . +3.0 V to –0.3 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . +3.0 V to –0.3 V
VDD_IO to IO_GND . . . . . . . . . . . . –0.3 V to VDD_IO to +0.3 V
Ambient Operating Temperature (TA) . . . . . . . . . 0
°C to 70°C
Storage Temperature (TS) . . . . . . . . . . . . . . . –65
°C to +150°C
Infrared Reflow Soldering (20 sec) . . . . . . . . . . . . . . . . 260
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
θJC = 11°C/W
θ
JA = 47
°C/W
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
VDD_IO
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Y2
Y3
Y0
Y1
Y4
Y5
Y6
Y7
VDD
DGND
Y8
Y9
C2
C0
C1
S_BLANK
RSET1
VREF
COMP1
DAC A
DAC B
DAC C
VAA
AGND
DAC D
DAC E
DAC F
COMP2
RSET2
EXT_LF
RESET
ADV7310/ADV7311
The ADV7310/ADV7311 is a Pb-free environmentally friendly
product. It is manufactured using the most up-to-date materials
and processes. The coating on the leads of each device is 100%
pure Sn electroplate. The device is suitable for Pb-free applica-
tions, and is able to withstand surface-mount soldering at up to
255
°C (±5°C).
In addition it is backward compatible with conventional SnPb
soldering processes. This means that the electroplated Sn coating
can be soldered with Sn/Pb solder pastes at conventional reflow
temperatures of 220
°C to 235°C.
ORDERING GUIDE
*
Package
Package
Model
Description
Option
ADV7310KST
Plastic Quad Flat Package
ST-64
ADV7311KST
Plastic Quad Flat Package
ST-64
EVAL-ADV7310EB
Evaluation Board
EVAL-ADV7311EB
Evaluation Board
*Analog output short circuit to any power supply or common can be of an
indefinite duration.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADV7310/ADV7311 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com