Electronic Components Datasheet Search
  English  ▼

X  

ADV7310 Datasheet(PDF) 45 Page - Analog Devices

Part # ADV7310
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADV7310 Datasheet HTML 41Page - Analog Devices ADV7310 Datasheet HTML 42Page - Analog Devices ADV7310 Datasheet HTML 43Page - Analog Devices ADV7310 Datasheet HTML 44Page - Analog Devices ADV7310 Datasheet HTML 45Page - Analog Devices ADV7310 Datasheet HTML 46Page - Analog Devices ADV7310 Datasheet HTML 47Page - Analog Devices ADV7310 Datasheet HTML 48Page - Analog Devices ADV7310 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
REV. A
ADV7310/ADV7311
–45–
COLOR CONTROLS AND RGB MATRIX
HD Y Level, HD Cr Level, HD Cb Level
[Subaddress 16h–18h]
Three 8-bit registers at Address 16h, 17h, 18h are used to program
the output color of the internal HD test pattern generator, be it
the lines of the cross hatch pattern or the uniform field test
pattern. They are not functional as color controls on external
pixel data input. For this purpose the RGB matrix is used.
The standard used for the values for Y and the color difference
signals to obtain white, black, and the saturated primary and
complementary colors conforms to the ITU-R BT.601-4 standard.
Table VIII shows sample color values to be programmed into
the color registers when Output Standard Selection is set to EIA 770.2.
Table VIII. Sample Color Values for EIA 770.2 Output
Standard Selection
Sample
Y
Cr
Cb
Color
Value
Value
Value
White
235 (EB)
128 (80)
128 (80)
Black
16 (10)
128 (80)
128 (80)
Red
81 (51)
240 (F0)
90 (5A)
Green
145 (91)
34 (22)
54 (36)
Blue
41 (29)
110 (6E)
240 (F0)
Yellow
210 (D2)
146 (92)
16 (10)
Cyan
170 (AA)
16 (10)
166 (A6)
Magenta
106 (6A)
222 (DE)
202 (CA)
HD RGB Matrix
[Subaddress 03h–09h]
When the programmable RGB matrix is disabled [Address 02h,
Bit 3], the internal RGB matrix takes care of all YCrCb to YUV
or RGB scaling according to the input standard programmed
into the device.
When the programmable RGB matrix is enabled, the color compo-
nents are converted according to the 1080i standard [SMPTE 274M]:
Y'
R'
G'
B'
CB'
B' Y'
CR'
R' Y'
=+
+
=−
−
=−
−
0 2126
0 7152
0 0722
05
10 0722
05
10 2126
..
.
[. / (
.
)](
)
[. / (
.
)](
)
This is reflected in the preprogrammed values for GY = 138Bh,
GU = 93h, GV = 3B, BU = 248h, and RV = 1F0.
If another input standard is used, the scale values for GY, GU,
GV, BU, and RV have to be adjusted according to this input
standard. The user must consider the fact that the color compo-
nent conversion might use different scale values. For example,
SMPTE 293M uses the following conversion:
Y'
R'
G'
B'
CB'
B' Y'
CR'
R' Y'
=+
+
=−
−
=−
−
0 299
0 587
0 114
05
1 0 114
05
1 0 299
..
.
[. / (
.
)](
)
[. / (
.
)](
)
The programmable RGB matrix can be used to control the HD
output levels in cases where the video output does not conform
to standard due to altering the DAC output stages such as ter-
mination resistors. The programmable RGB matrix is used for
external HD data and is not functional when the HD test pattern
is enabled.
Programming the RGB Matrix
The RGB matrix should be enabled [Address 02h, Bit 3], the
output should be set to RGB [Address 02h, Bit 5], sync on PrPb
should be disabled [Address 15h, Bit 2], and sync on RGB is
optional [Address 02h, Bit 4].
GY at address 03h and 05h control the output levels on the green
signal, BU at 04h and 08h the blue signal output levels and RV
at 04h and 09h the red output levels. To control YPrPb output
levels, YUV output should be enabled [Address 02h, Bit 5]. In
this case GY [Address 05h; Address 03, Bit 0-1] is used for the
Y output, RV [Address 09; Address 04, Bit 0-1] is used for the
Pr output, and BU [Address 08h; Address 04h, Bit 2-3] is used
for the Pb output.
If RGB output is selected the RGB matrix scaler uses the
following equations:
GGY
Y
GU
Pb
GV
Pr
BGY
Y
BU
Pb
RGY
Y
RV
Pr
=× +×
+×
=× +
×
=× +
×
If YPrPb output is selected the following equations are used:
YGY
Y
UBU
Pb
VRV
Pr
=×
=×
=×
On power-up, the RGB matrix is programmed with the default
values below.
Table IX. RGB Matrix Default Values
Address
Default
03h
03h
04h
F0h
05h
4Eh
06h
0Eh
07h
24h
08h
92h
09h
7Ch
When the programmable RGB matrix is not enabled, the
ADV7310/ADV7311 automatically scales YCrCb inputs to
all standards supported by this part.
SD Luma and Color Control
[Subaddress 5Ch, 5Dh, 5Eh, 5Fh]
SD Y Scale, SD Cr Scale, and SD Cb Scale are three 10-bit
wide control registers to scale the Y, U, and V output levels.
Each of these registers represents the value required to scale the
U or V level from 0.0 to 2.0 and the Y level from 0.0 to 1.5 of
its initial level. The value of these 10 bits is calculated using the
following equation:
Y, U, or V ScalarValue
Scale Factor
=× 512
For example:
Scale Factor = 1.18
Y, U, or V Scale Value
Y, U, or V Scale Value
(rounded to the nearest integer)
Y, U, or V Scale Value
b
=×
=
=
=
1.18
512
665.6
665
1010 0110 01
Address 5Ch, SD LSB Register = 15h
Address 5Dh, SD Y Scale Register = A6h
Address 5Eh, SD V Scale Register = A6h
Address 5Fh, SD U Scale Register = A6h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com