Electronic Components Datasheet Search
  English  ▼

X  

ADV7310 Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7310
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7310 Datasheet HTML 14Page - Analog Devices ADV7310 Datasheet HTML 15Page - Analog Devices ADV7310 Datasheet HTML 16Page - Analog Devices ADV7310 Datasheet HTML 17Page - Analog Devices ADV7310 Datasheet HTML 18Page - Analog Devices ADV7310 Datasheet HTML 19Page - Analog Devices ADV7310 Datasheet HTML 20Page - Analog Devices ADV7310 Datasheet HTML 21Page - Analog Devices ADV7310 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
REV. A
–18–
ADV7310/ADV7311
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Register Reset Values
(Shaded)
0
Sleep Mode off
FCh
1
Sleep Mode on
0
PLL on
1
PLL off
0
DAC F off
1
DAC F on
0
DAC E off
1
DAC E on
0
DAC D off
1
DAC D on
0
DAC D off
1
DAC C on
0
DAC B off
1
DAC B on
0
DAC A off
1
DAC A on
0Disabled
1
Enabled
0
Cb clocked on rising edge
1Y clocked on rising edge
Reserved
0
0
1Must be set if the phase
delay between the two input
clocks is <9.25 ns or
>27.75 ns.
Only if two input clocks are used
00
0SD input only
38h
00
1
PS input only
01
0
HDTV input only
01
1SD and PS [20-bit]
10
0SD and PS [10-bit]
10
1SD and HDTV [SD
oversampled]
11
0SD and HDTV [HDTV
oversampled]
11
1
PS only [at 54 MHz]
Y/S Bus Swap
0
10-bit data on S bus
1
10-bit data on Y bus
Only for PS dual edge clk mode
SD Mode 10-bit/20-bit Modes
DAC B: Power On/Off
DAC A: Power On/Off
BTA T-1004 or BT.1362
Compatibility
Clock Edge
Only for PS interleaved input at
27 MHz
Clock Align
Input Mode
Mode Select
Register
01h
Sleep Mode. With this
control enabled, the
current consumption is
reduced to
µA level. All
DACs and the internal
PLL cct are disabled. I
2C
registers can be read from
and written to in Sleep
Mode.
PLL and Oversampling
Control. This control
allows the internal PLL cct
to be powered down and
the over-sampling to be
switched off.
Power Mode
Register
00h
DAC E: Power On/Off
DAC F: Power On/Off
DAC D: Power On/Off
DAC C: Power On/Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com