Electronic Components Datasheet Search
  English  ▼

X  

ADV7310 Datasheet(PDF) 40 Page - Analog Devices

Part # ADV7310
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADV7310 Datasheet HTML 36Page - Analog Devices ADV7310 Datasheet HTML 37Page - Analog Devices ADV7310 Datasheet HTML 38Page - Analog Devices ADV7310 Datasheet HTML 39Page - Analog Devices ADV7310 Datasheet HTML 40Page - Analog Devices ADV7310 Datasheet HTML 41Page - Analog Devices ADV7310 Datasheet HTML 42Page - Analog Devices ADV7310 Datasheet HTML 43Page - Analog Devices ADV7310 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
REV. A
–40–
ADV7310/ADV7311
SD Internal Filter Response
[Subaddress 40h; Subaddress 42, Bit 0]
The Y filter supports several different frequency responses including
two low-pass responses, two notch responses, an extended (SSAF)
response with or without gain boost attenuation, a CIF response,
and a QCIF response. The UV filter supports several different
frequency responses including six low-pass responses, a CIF
response, and a QCIF response, as can be seen in the figures on
the following pages.
If SD SSAF gain is enabled, there is the option of 12 responses
in the range from –4 dB to +4 dB [Subaddress 47, Bit 4]. The
desired response can be chosen by the user by programming the
correct value via the I
2C [Subaddress 62h]. The variation of fre-
quency responses can be seen in the figures on the following pages.
In addition to the chroma filters listed in Table VII, the
ADV7310/ADV7311 contains an SSAF filter specifically designed
for and applicable to the color difference component outputs,
U and V. This filter has a cutoff frequency of about 2.7 MHz
and –40 dB at 3.8 MHz, as can be seen in Figure 38. This filter
can be controlled with Address 42h, Bit 0.
If this filter is disabled, the selectable chroma filters shown in
Table VII can be used for the CVBS or Luma/Chroma signal.
Table VII. Internal Filter Specifications
Pass-Band
3 dB
Filter
Ripple
1 (dB)
Bandwidth
2 (MHz)
Luma LPF NTSC
0.16
4.24
Luma LPF PAL
0.1
4.81
Luma Notch NTSC
0.09
2.3/4.9/6.6
Luma Notch PAL
0.1
3.1/5.6/6.4
Luma SSAF
0.04
6.45
Luma CIF
0.127
3.02
Luma QCIF
Monotonic
1.5
Chroma 0.65 MHz
Monotonic
0.65
Chroma 1.0 MHz
Monotonic
1
Chroma 1.3 MHz
0.09
1.395
Chroma 2.0 MHz
0.048
2.2
Chroma 3.0 MHz
Monotonic
3.2
Chroma CIF
Monotonic
0.65
Chroma QCIF
Monotonic
0.5
NOTES
1Pass-band ripple is the maximum fluctuation from the 0 dB response in the
pass band, measured in dB. The pass band is defined to have 0 Hz to fc (Hz)
frequency limits for a low-pass filter, 0 Hz to f1 (Hz) and f2 (Hz) to infinity for
a notch filter, where fc, f1, and f2 are the –3 dB points.
23 dB bandwidth refers to the –3 dB cutoff frequency.
FREQUENCY (MHz)
0
–10
–30
–50
–60
–20
–40
6
5
4
3
2
1
0
EXTENDED UV FILTER MODE
Figure 38. UV SSAF Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com