Electronic Components Datasheet Search
  English  ▼

X  

ADV7310 Datasheet(PDF) 37 Page - Analog Devices

Part # ADV7310
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADV7310 Datasheet HTML 33Page - Analog Devices ADV7310 Datasheet HTML 34Page - Analog Devices ADV7310 Datasheet HTML 35Page - Analog Devices ADV7310 Datasheet HTML 36Page - Analog Devices ADV7310 Datasheet HTML 37Page - Analog Devices ADV7310 Datasheet HTML 38Page - Analog Devices ADV7310 Datasheet HTML 39Page - Analog Devices ADV7310 Datasheet HTML 40Page - Analog Devices ADV7310 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
REV. A
ADV7310/ADV7311
–37–
LCC1
GLL
P19–P10
ADV7183A
VIDEO
DECODER
COMPOSITE
VIDEO1
CLKIN_A
RTC_SCR_TR
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
Y9-Y0/S9–S0
RTC
LOW
H/L TRANSITION
COUNT START
128
TIME SLOT 01
13
0
14 BITS
SUBCARRIER
PHASE
14
21
19
FSC PLL INCREMENT2
VALID
SAMPLE
INVALID
SAMPLE
8/LINE
LOCKED
CLOCK
6768
4 BITS
RESERVED
0
SEQUENCE
BIT3
RESET
BIT4
RESERVED
5 BITS
RESERVED
ADV7310/
ADV7311
NOTES
1i.e., VCR OR CABLE
2F
SC PLL INCREMENT IS 22 BITS LONG. VALUE LOADED INTO ADV7310/ADV7311 FSC DDS REGISTER IS FSC PLL INCREMENTS BITS 21:0
PLUS BITS 0:9 OF SUBCARRIER FREQUENCY REGISTERS. ALL ZEROS SHOULD BE WRITTEN TO THE SUBCARRIER FREQUENCY REGISTERS
OF THE ADV7310/ADV7311.
3SEQUENCE BIT
PAL: 0 = LINE NORMAL, 1 = LINE INVERTED
NTSC: 0 = NO CHANGE
4RESET ADV7310/ADV7311 DDS
SELECTED BY REGISTER ADDRESS 0x01 BIT 7
5
5
Figure 32. RTC Timing and Connections
XXXXXX
XXXXXX
OFF
DIGITAL TIMING SIGNALS SUPPRESSED
VALID VIDEO
TIMING ACTIVE
RESET
DIGITAL TIMING
DACs
A, B, C
PIXEL DATA
VALID
Figure 33.
RESET Timing Sequence
Reset Sequence
A reset is activated with a high-to-low transition on the
RESET
pin [Pin 33] according to the timing specifications. The ADV7310/
ADV7311 will revert to the default output configuration.
Figure 32 illustrates the
RESET sequence timing.
SD VCR FF/RW Sync
[Subaddress 42h, Bit 5]
In DVD record applications where the encoder is used with a
decoder, the VCR FF/RW sync control bit can be used for non-
standard input video, i.e., in fast forward or rewind modes.
In fast forward mode, the sync information at the start of a new
field in the incoming video usually occurs before the correct num-
ber of lines/fields are reached; in rewind mode, this sync signal
usually occurs after the total number of lines/fields are reached.
Conventionally this means that the output video will have cor-
rupted field signals, one generated by the incoming video and
one generated when the internal lines/field counters reach the
end of a field.
When the VCR FF/RW sync control is enabled [Subaddress 42h
Bit 5] the lines/field counters are updated according to the
incoming
VSYNC signal and the analog output matches the
incoming
VSYNC signal.
This control is available in all slave timing modes except Slave
Mode 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com