Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3486 Datasheet HTML 3Page - Linear Technology LT3486 Datasheet HTML 4Page - Linear Technology LT3486 Datasheet HTML 5Page - Linear Technology LT3486 Datasheet HTML 6Page - Linear Technology LT3486 Datasheet HTML 7Page - Linear Technology LT3486 Datasheet HTML 8Page - Linear Technology LT3486 Datasheet HTML 9Page - Linear Technology LT3486 Datasheet HTML 10Page - Linear Technology LT3486 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3486
7
3486f
BLOCK DIAGRA
–
+
–
+
+
EA
EN2
EN1
EA
PWM
COMP
RSNS1
RSNS2
OSC
DRIVER
SW2
0.2V
20k
20k
VC1
CONVERTER 2
CONTROL
0.2V
80k
80k
SHDN
SHDN
REF
FB2
15
11
CTRL2
17
10
PWM2
EXPOSED
PAD
9
CTRL1
PWM1
FB1
13
8
7
6
–
+
+
+
+
START-UP
CONTROL
REF 1.25V
PWM
LOGIC
16
VIN
2
RT
4
3486 F01
–
+
OSC
EN1
SW1
CONVERTER1
CONVERTER2
3
1
5
OVP1
OVP2
OV2
EN2
OV1
OV1
OV2
PWM
LOGIC
OSC
RAMP
GEN
OSC
OVERVOLT
DETECTION
14
Q1
Q2
A2
A1
A1
A2
A3
PWM
COMP
A3
CONVERTER1
CONTROL
VC2
12
OVERVOLT
DETECTION
Figure 1. LT3486 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com